Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10321 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10321 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC10321 Datasheet HTML 9Page - Texas Instruments ADC10321 Datasheet HTML 10Page - Texas Instruments ADC10321 Datasheet HTML 11Page - Texas Instruments ADC10321 Datasheet HTML 12Page - Texas Instruments ADC10321 Datasheet HTML 13Page - Texas Instruments ADC10321 Datasheet HTML 14Page - Texas Instruments ADC10321 Datasheet HTML 15Page - Texas Instruments ADC10321 Datasheet HTML 16Page - Texas Instruments ADC10321 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ADC10321
www.ti.com
SNAS028F – JUNE 2000 – REVISED MAY 2013
TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dB, of the rms total of the first six harmonic
components, to the rms value of the input signal.
ZERO SCALE OFFSET ERROR is the difference between the ideal input voltage (½ LSB) and the actual input
voltage that just causes a transition from an output code of zero to an output code of one.
Timing Diagram
Figure 17. ADC10321 Timing Diagram
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC10321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com