Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5521IPAPR Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5521IPAPR
Description  12-Bit, 105MSPS Analog-To-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5521IPAPR Datasheet(HTML) 5 Page - Texas Instruments

  ADS5521IPAPR Datasheet HTML 1Page - Texas Instruments ADS5521IPAPR Datasheet HTML 2Page - Texas Instruments ADS5521IPAPR Datasheet HTML 3Page - Texas Instruments ADS5521IPAPR Datasheet HTML 4Page - Texas Instruments ADS5521IPAPR Datasheet HTML 5Page - Texas Instruments ADS5521IPAPR Datasheet HTML 6Page - Texas Instruments ADS5521IPAPR Datasheet HTML 7Page - Texas Instruments ADS5521IPAPR Datasheet HTML 8Page - Texas Instruments ADS5521IPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
DIGITAL CHARACTERISTICS
ADS5521
www.ti.com ...................................................................................................................................................... SBAS309D – MAY 2004 – REVISED OCTOBER 2008
ELECTRICAL CHARACTERISTICS (continued)
Typical values given at TA = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRVDD = 3.3 V, sampling rate = 105MSPS, 50% clock duty cycle, DLL On, 3-VPP differential clock, and –1dBFS differential
input, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 10 MHz
79
25°C
76
83
fIN = 55 MHz
Full temp range
74
82
Total harmonic distortion, THD
fIN = 70 MHz
78
dBc
fIN = 100 MHz
84
fIN = 150 MHz
74
fIN = 220 MHz
70.3
Effective number of bits, ENOB
fIN = 55 MHz
11.3
Bits
f = 10.1 MHz, 15.1 MHz (-7dBFS each tone)
94.6
Two-tone intermodulation distortion, IMD
f = 50.1 MHz, 55.1 MHz (-7dBFS each tone)
96.6
dBFS
f = 150.1 MHz, 155.1 MHz (-7dBFS each tone)
84.7
AC power supply rejection ratio, ACPSRR
Supply noise frequency
≤ 100 MHz
35
dB
Power Supply
Total supply current, ICC
fIN = 55 MHz
223
250
mA
Analog supply current, IAVDD
fIN = 55 MHz
173
185
mA
Output buffer supply current, IDRVDD
fIN = 55 MHz
50
65
mA
Analog only
571
611
Power dissipation
mW
Output buffer power with 10-pF load on digital
165
215
output to ground
Standby power
With clocks running
180
250
mW
Valid over full recommended operating temperature range, AVDD = DRVDD = 3.3 V, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Digital Inputs
High-level input voltage, VIH
2.4
V
Low-level input voltage, VIL
0.8
V
High-level input current, IIH
10
µA
Low-level input current, IIL
-10
µA
Input current for RESET
–20
µA
Input capacitance
4
pF
Digital Outputs
Low-level output voltage, VOL
CLOAD = 10 pF
0.3
0.4
V
High-level output voltage, VOH
CLOAD = 10 pF
2.4
3
V
Output capacitance
3
pF
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS5521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com