Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5521IPAPRG4 Datasheet(PDF) 30 Page - Texas Instruments

Part # ADS5521IPAPRG4
Description  12-Bit, 105MSPS Analog-To-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5521IPAPRG4 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS5521IPAPRG4 Datasheet HTML 26Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 27Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 28Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 29Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 30Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 31Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 32Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 33Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADS5521
SBAS309D – MAY 2004 – REVISED OCTOBER 2008 ...................................................................................................................................................... www.ti.com
For more detailed information regarding the PowerPAD package and its thermal properties, see either the
application brief SLMA004B (PowerPAD Made Easy) or technical brief SLMA002 (PowerPAD Thermally
Enhanced Package).
Table 10. Revision History
Added notes regarding the input voltage overstress requirements in the absolute maximum ratings table.
Changed offset temperature coefficient to units of mV/°C.
Clarified output capture test modes in Table 3.
Updated the definitions section.
Updated the Power Down section to reflect the newly specified 2 MSPS minimum sampling rate.
Added footnotes in the Pin Assignements table or pins RESET,OE, SEN, SDATA and SCLK pins.
Removed the input voltage stress section in the Application Information section.
Tpdi parameter was added to the timing Table 8 and Table 9.
Added note in the Serial Programming section about mandatory RESET.
Added latency specification in the Timing Characteristics table.
Rev C
Added min/max specs for Offset and Gain errors.
Rev D
Output Information Section, p. 27.
Changed - From: binary output format and 0x4FFF To: binary output format and 0x7FF.
Changed From: binary output format and 0x2000 To: binary output format and 0x800.
30
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com