Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5541IPAP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5541IPAP
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAP Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5541IPAP Datasheet HTML 16Page - Texas Instruments ADS5541IPAP Datasheet HTML 17Page - Texas Instruments ADS5541IPAP Datasheet HTML 18Page - Texas Instruments ADS5541IPAP Datasheet HTML 19Page - Texas Instruments ADS5541IPAP Datasheet HTML 20Page - Texas Instruments ADS5541IPAP Datasheet HTML 21Page - Texas Instruments ADS5541IPAP Datasheet HTML 22Page - Texas Instruments ADS5541IPAP Datasheet HTML 23Page - Texas Instruments ADS5541IPAP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
www.ti.com
Input Frequency (MHz)
20
40
60
80
100
120
140
160
180
200
220
60
65
70
75
80
85
90
95
100
105
110
115
120
125
72
74
76
78
80
82
84
86
88
74
74
4
7
76
76
76
76
78
78
78
78
80
80
80
80
82
82
82
82
82
82
82
84
84
84
84
84
84
84
84
8
84
6
86
86
88
86
86
82
82
84
84
86
84
84
88
86
Input Frequency (MHz)
20
40
60
80
100
120
140
160
180
200
220
60
65
70
75
80
85
90
95
100
105
110
115
120
125
70
80
90
100
110
120
74
74
74
76
76
76
76
76
78
78
78
78
80
80
80
80
82
82
82
82
82
84
84
84
84
84
84
86
86
86
86
84
88
78
84
72
72
74
76
78
80
82
84
86
88
88
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, AVDD = DRVDD = 3.3V, sampling rate = 105MSPS, 50% clock duty cycle, DLL On, 3VPP differential clock, and
–1dBFS differential input, unless otherwise noted.
Figure 37. SPURIOUS-FREE DYNAMIC RANGE (SFDR) (DLL On)
Figure 38. SPURIOUS-FREE DYNAMIC RANGE (SFDR) (DLL Off)
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com