Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT11623D Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT11623D
Description  OCTAL TRANSCEIVER WITH DUAL ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11623D Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11623D Datasheet HTML 1Page - Texas Instruments 74ACT11623D Datasheet HTML 2Page - Texas Instruments 74ACT11623D Datasheet HTML 3Page - Texas Instruments 74ACT11623D Datasheet HTML 4Page - Texas Instruments 74ACT11623D Datasheet HTML 5Page - Texas Instruments 74ACT11623D Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
74AC11623
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS058A − JULY 1987 − REVISED APRIL 1993
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
1.5
6.8
9.2
1.5
10.5
ns
tPHL
A or B
B or A
1.5
6.3
8.2
1.5
9.3
ns
tPZH
OEBA
A
1.5
8
10.6
1.5
12.2
ns
tPZL
OEBA
A
1.5
7.9
10.4
1.5
11.6
ns
tPHZ
OEBA
A
1.5
7
8.7
1.5
9.3
ns
tPLZ
OEBA
A
1.5
8
9.9
1.5
10.7
ns
tPZH
OEAB
B
1.5
8.2
10.4
1.5
12
ns
tPZL
OEAB
B
1.5
8.3
10.8
1.5
12.2
ns
tPHZ
OEAB
B
1.5
7
8.8
1.5
9.4
ns
tPLZ
OEAB
B
1.5
8
9.9
1.5
10.6
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
1.5
4.9
6.8
1.5
7.8
ns
tPHL
A or B
B or A
1.5
4.6
6.4
1.5
7.1
ns
tPZH
OEBA
A
1.5
5.8
7.9
1.5
9
ns
tPZL
OEBA
A
1.5
5.9
8.1
1.5
9.1
ns
tPHZ
OEBA
A
1.5
6.1
7.7
1.5
8.3
ns
tPLZ
OEBA
A
1.5
6.6
8.2
1.5
8.8
ns
tPZH
OEAB
B
1.5
6.2
8
1.5
9.2
ns
tPZL
OEAB
B
1.5
6.1
8.3
1.5
9.4
ns
tPHZ
OEAB
B
1.5
6.2
7.8
1.5
8.3
ns
tPLZ
OEAB
B
1.5
6.5
8.1
1.5
8.8
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
Outputs enabled
CL = 50 pF,
f = 1 MHz
49
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
9
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com