Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CER0349E Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0349E
Description  Surface mount, silver (Ag) coated barium ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0349E Datasheet(HTML) 2 Page - CTS Corporation

  CER0349E Datasheet HTML 1Page - CTS Corporation CER0349E Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0349E
3350 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X1
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Rev 0 – Origin Date: July 17, 2007 – Revision Date: July 17, 2007
Dim Nominal (mm)
Tolerance (mm)
+/- or max
A
10.20
Max
B
5.60
Max
C
1.60
0.13
D
0.80
0.13
E
0.80
0.13
F
1.20
0.13
G
7.80
0.13
H
4.00
Max
I
1.40
0.13
J
6.70
Max
K
2.70
0.13
L
7.50
0.13
M
0.50
0.13
-1
0
-2
0
-3
0
-5
0
-4
0
F
re
qu
e
n
c
y
(MH
z
)
CTS
49E
YWW
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
1.6
REEL QUANTITY
ea.
1000
Customer Feed Direction
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.945"/24
0.260"/6.60 0.406"/10.20 0.165"/4.20 0.472"/12.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com