Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP5380V Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380V
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380V Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP5380V Datasheet HTML 1Page - National Semiconductor (TI) DP5380V Datasheet HTML 2Page - National Semiconductor (TI) DP5380V Datasheet HTML 3Page - National Semiconductor (TI) DP5380V Datasheet HTML 4Page - National Semiconductor (TI) DP5380V Datasheet HTML 5Page - National Semiconductor (TI) DP5380V Datasheet HTML 6Page - National Semiconductor (TI) DP5380V Datasheet HTML 7Page - National Semiconductor (TI) DP5380V Datasheet HTML 8Page - National Semiconductor (TI) DP5380V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
10 Functional Description (Continued)
The ASI arbitration logic controls arbitration for use of the
SCSI bus The mP programs the SCSI device ID into the
ASI then sets the ARBITRATE bit The INITIATOR COM-
MAND REGISTER (ICR) is read to determine when arbitra-
tion has started and whether it is won or lost
The BSY signal is continously monitored to detect bus dis-
connection and bus free phases The ASI incorporates an
on-board oscillator to determine Bus Settle Bus Free and
Arbitration Delays The oscillator tolerance guarantees all
timing to be within the SCSI specification
The ASI incorporates high-current drivers and SCHMITT
trigger receivers for interfacing directly to the SCSI bus This
feature reduces the chip count of any SCSI application
15 PARITY
The ASI provides for parity protection on the SCSI interface
The data bus has eight data bits and one parity bit The
parity may be enabled via a register bit A parity error can be
programmed to cause an interrupt
20 Pin Descriptions
Symbol
DIP
PCC
Type
Function
CS
21
24
I
Chip Select
an active low enable for read or write operations accessing the register
selected by A02
A02
30 32 33
33 36 37
I
Address02
these three signals are used with CS RD and WR to address a
register for read or write
RD
24
27
I
Read
an active low enable for reading an internal register selected by A02and
enabled by CS It also selects the Input Data Register when used with DACK
WR
29
32
I
Write
an active low enable for writing an internal register selected by A02and
enabled by CS It also selects the Output Data Register when used with DACK
RESET
28
31
I
Reset
an active low input with a Schmitt trigger Clears all internal registers (SCSI
RST unaffected)
D07
1 40 – 34
2 44 – 38
I O
Data07
bidirectional TRI-STATE signals connecting the active high mP data
bus to the internal registers
INT
23
26
O
Interrupt
an active high output to the mP when an error has occurred an event
requires service or has completed
DRQ
22
25
O
DMA Request
an active high output asserted when the data register is ready to read
or written DRQ occurs only if DMA mode is enabled The signal is cleared by DACK
DACK
26
29
I
DMA Acknowledge
an active low input that resets DRQ and addresses the data
registers for input or output transfers DACK is used instead of CS by the DMA
controller
READY
25
28
O
Ready
an active high output used to control the speed of block mode DMA transfers
Ready goes active when the chip is ready to sendreceive data and remains inactive
after the transfer until the byte is sent or until the DMA mode bit is reset
EOP
27
30
I
End Of Process
an active low signal that terminates a block of DMA transfers It
should be asserted during the transfer of the last byte
DB07
92 10
103 11
I O
DB07 DBP
SCSI data bus with parity DB7 is the MSB and is the highest priority
during arbitration Parity is ODD Parity is always generated and can be optionally
DBP
checked Parity is not valid during arbitration
RST
16
18
IO
Reset
SCSI reset monitored and can be set by ASI
BSY
13
15
IO
Busy
indicates the SCSI bus is being used Can be driven by TARGET or
INITIATOR
SEL
12
14
IO
Select
used by the INITIATOR to select a TARGET or by the TARGET to reselect an
INITIATOR
ACK
14
16
IO
Acknowledge
driven by the INITIATOR and received by the TARGET as part of the
REQACK handshake
ATN
15
17
IO
Attention
driven by the INITIATOR to indicate an attention condition to the
TARGET
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com