Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z95 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ20Z95
Description  SBS 1.1-COMPLIANT GAS GAUGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z95 Datasheet(HTML) 2 Page - Texas Instruments

  BQ20Z95_14 Datasheet HTML 1Page - Texas Instruments BQ20Z95_14 Datasheet HTML 2Page - Texas Instruments BQ20Z95_14 Datasheet HTML 3Page - Texas Instruments BQ20Z95_14 Datasheet HTML 4Page - Texas Instruments BQ20Z95_14 Datasheet HTML 5Page - Texas Instruments BQ20Z95_14 Datasheet HTML 6Page - Texas Instruments BQ20Z95_14 Datasheet HTML 7Page - Texas Instruments BQ20Z95_14 Datasheet HTML 8Page - Texas Instruments BQ20Z95_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1
DSG
2
PACK
3
VCC
4
ZVCHG
5
6
PMS
7
VSS
8
REG33
9
TOUT
10
VCELL+
CHG
BAT
37
VC1
18
VC2
17
VC3
16
VC4
15
VC5
14
ASRP
13
ASRN
12
11
GPOD
19
NC
PRES
TS 2
PFIN
SAFE
SMBD
TS 1
LED4
LED5
GSRP
23
GSRN
24
25
VSS
26
REG25
27
RBI
28
VSS
29
30
31
32
33
34
35
36
38
21
20
22
SMBC
DISP
VSS
43
39
40
41
42
44
LED1
LED2
LED3
RESET
¯¯¯¯¯¯
¯¯¯¯¯
MRST
ALERT
¯¯¯¯¯¯
¯¯¯¯
¯¯¯¯
¯¯¯¯¯
NC
Coloumb
Counter
HW Over
Current &
Short Circuit
Protection
Cell Voltage
Multiplexer
N-Channel FET
Drive
Pre Charge FET
& PGOD Drive
Power Mode
Control
SMBD
DISP
VC5
VC4
VC3
VC2
VC1
¯¯¯¯¯
SMBC
¯¯¯¯¯¯
¯¯¯¯
Cell Balancing
Temperature
Measurement
LED Display
Data Flash
Memory
SMB 1.1
Impedance
Track ™
Gas Gauging
SHA-1
Authentication
Over- & Under-
Voltage
Protection
Voltage
Measurement
Over Current
Protection
Oscillator
Charging
Algorithm
Fuse Blow
Detection and
Logic
Over
Temperature
Protection
Watchdog
Regulators
RESET
ALERT
¯¯¯¯¯¯
REG33
REG25
VCELL+
MSRT
RBI
System Control
AFE HW Control
Pack -
RSNS
5m – 20m
typ.
Pack +
SMBC
SMBD
bq20z95
GND
VC4
VC3
VC2
VC1
VDD
OUT
CD
bq294xx
bq20z95
SLUS757C – JULY 2007 – REVISED OCTOBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
SYSTEM PARTITIONING DIAGRAM
bq20z95
DBT Package
(TOP VIEW)
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: bq20z95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com