Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF1404 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IRF1404
Description  isc N-Channel Mosfet Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF1404 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IRF1404 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF1404 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc websit
e:
:
:
: www.iscsemi.com
isc
& iscsemi is registered trademark
2
isc
N-Channel MOSFET Transistor
IRF1404
ELECTRICAL CHARACTERISTICS
TC=25℃
℃
℃
℃ unless otherwise specified
SYMBO
L
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
40
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.25mA
2
4
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 95A
0.004
Ω
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
±200
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 40V; VGS= 0
20
μA
VSD
Forward On-Voltage
IS= 95A; VGS=0
1.3
V
Gfs
Forward Transconductance
VDS= 25V;ID= 60A
106
S
·
·
·
·



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com