Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5885 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # C5885
Description  Silicon NPN triple diffusion mesa type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

C5885 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  C5885 Datasheet HTML 1Page - Panasonic Semiconductor C5885 Datasheet HTML 2Page - Panasonic Semiconductor C5885 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5885
2
SJD00312AED
PC  Ta
Safe operation area
Safe operation area (Horizontal operation)
50
30
20
10
40
0
050
25
75
125
100
150
Ambient temperature T
a (°C)
(1)
(2)
(1) TC
= T
a
(2) Without heat sink
Collector-emitter voltage V
CE (V)
10−1
10−2
10−3
10
1
100
1
10
100
1 000
t
=
1 ms
t
=
10 ms
ICP
IC
DC
t
= 100 µs
Non repetitive pulse, TC
= 25°C
10
1
2
3
4
5
6
7
8
9
0
01 000
500
1 500
2 000
Collector-emitter voltage V
CE (V)
< 1 mA
fH
= 15.45 kHz, TC < 90°C
A.S.O for a single
pulse load caused by
EHT flash over during
horizontal operation.
One action of the device must
not use in all areas.
(area A, B and C)
But it is able to use in two areas.
(area A and B or area B and C)
A
B
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com