Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2453 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD2453
Description  Silicon NPN triple diffusion planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2453 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD2453 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2453 Datasheet HTML 2Page - Panasonic Semiconductor 2SD2453 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Transistors
1
Publication date: September 2003
SJD00268AED
2SD2453
Silicon NPN triple diffusion planar type
For high current transfer ratio and power amplification
■ Features
• High forward current transfer ratio h
FE
• Low collector-emitter saturation voltage V
CE(sat)
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
80
V
Collector-emitter voltage (Base open)
VCEO
60
V
Emitter-base voltage (Collector open)
VEBO
6V
Collector current
IC
2A
Peak collector current *
ICP
4A
Base current
IB
1A
Collector power
TC = 25°CPC
10
W
dissipation
1
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage (Base open)
VCEO
IC = 25 mA, IB = 060
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 80 V, IE = 0
100
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE
= 40 V, I
B
= 0
100
µA
Emiter-base cutoff current (Collector open)
IEBO
VEB = 6 V, IC = 0
100
µA
Forward current transfer ratio *
hFE
VCE = 4 V, IC = 0.5 A
500
2 500
Collector-emitter saturation voltage
VCE(sat)
IC
= 2 A, I
B
= 0.05 A
1
V
Transition frequency
fT
VCE = 12 V, IC = 0.2 A, f = 10 MHz
50
MHz
■ Electrical Characteristics T
a = 25°C
6.5±0.1
2.3±0.1
(5.3)
(4.35)
(3.0)
0.75±0.1
2.3±0.1
4.6±0.1
123
0.5±0.1
1.0±0.1
0.1±0.05
0.5±0.1
5.3±0.1
4.35±0.1
Unit: mm
1: Base
2: Collector
3: Emitter
EIAJ: SC-63
U-G2 Package
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
Rank
Q
R
S
hFE
500 to 1 000
800 to 1 500
1 200 to 2 500
Note) Self-supported type package is also prepared.
Note) Non-repetitive peak collector current


Similar Part No. - 2SD2453

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
Silicon NPN Triple Diffusion Planar Type
More results

Similar Description - 2SD2453

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
Silicon NPN triple diffusion planar type
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
Silicon NPN triple diffusion planar type
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
Silicon NPN Triple Diffusion Planar Type
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
Silicon NPN Triple Diffusion Planar Type
logo
Panasonic Semiconductor
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
Silicon NPN triple diffusion planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com