Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1150-RTR1 Datasheet(PDF) 1 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 1 Page - Texas Instruments

  CC1150-RTR1 Datasheet HTML 1Page - Texas Instruments CC1150-RTR1 Datasheet HTML 2Page - Texas Instruments CC1150-RTR1 Datasheet HTML 3Page - Texas Instruments CC1150-RTR1 Datasheet HTML 4Page - Texas Instruments CC1150-RTR1 Datasheet HTML 5Page - Texas Instruments CC1150-RTR1 Datasheet HTML 6Page - Texas Instruments CC1150-RTR1 Datasheet HTML 7Page - Texas Instruments CC1150-RTR1 Datasheet HTML 8Page - Texas Instruments CC1150-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
CC1150 Low Power Sub-1 GHz RF Transmitter
1
Device Overview
1.1
Features
1
• Small Size
• 64-byte TX Data FIFO
– QLP 4-mm × 4-mm Package, 16 Pins
• Suited for Systems Compliant with EN 300 220
and FCC CFR Part 15
• True Single Chip UHF RF Transmitter
• Many Powerful Digital Features Allow a High-
• Frequency Bands
performance RF system to be made Using an
– 300 to 348 MHz
Inexpensive Microcontroller
– 400 to 464 MHz
• Efficient SPI interface: All Registers Can be
– 800 to 928 MHz
Programmed With One "Burst" Transfer
• Programmable Data Rate Up to 500 kBaud
• Integrated Analog Temperature Sensor
• Low Current Consumption
• Lead-free “Green” Package
• Programmable Output Power Up to +10 dBm for
• Flexible Support for Packet Oriented Systems
All Supported Frequencies
– On-chip Support for Sync-Word Insertion,
• Programmable Baseband Modulator
Flexible Packet Length and Automatic CRC
• Ideal For Multi-channel Operation
Handling
• Very Few External Components
• OOK and Flexible ASK Shaping Supported
– Completely On-chip Frequency Synthesizer
• 2-FSK, GFSK and MSK Supported
– No External Filters Needed
• Optional Automatic Whitening of Data
• Configurable Packet Handling Hardware
• Support for Asynchronous Transparent Transmit
• Suitable for Frequency Hopping Systems Due to a
Mode for Backwards Compatibility with Existing
Fast Settling Frequency Synthesizer
Radio Communication Protocols
• Optional Forward Error Correction with Interleaving
1.2
Applications
Ultra-low Power UHF Wireless Transmitters
Low Power Telemetry
Operating in the 315-, 433-, 868-, and 915-MHz
Home and Building Automation
ISM/SRD bands
Wireless Alarm and Security Systems
AMR – Automatic Meter Reading
Industrial Monitoring and Control
Consumer Electronics
Wireless Sensor Networks
RKE – Remote Keyless Entry
1.3
Description
The CC1150 is a true single-chip UHF transmitter designed for very low power wireless applications. The
circuit is mainly intended for the ISM (Industrial, Scientific and Medical) and SRD (Short Range Device)
frequency bands at 315-, 433-, 868-, and 915-MHz, but can easily be programmed for operation at other
frequencies in the 300 to 348 MHz, 400 to 464 MHz and 800 to 928 MHz bands.
The RF transmitter is integrated with a highly configurable baseband modulator. The modulator supports
various modulation formats and has a configurable data rate up to 500 kBaud. The CC1150 device
provides extensive hardware support for packet handling, data buffering and burst transmissions.
The main operating parameters and the 64-byte transmit FIFO of CC1150 can be controlled via an SPI
interface. In a typical system, the CC1150 device will be used together with a microcontroller and a few
additional passive components.
CC1150 is part of the SmartRF™ technology platform based on 0.18-
μm CMOS technology from Texas
Instruments.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CC1150-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1150-RTR1 TI-CC1150-RTR1 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
CC1150-RTR1 TI1-CC1150-RTR1 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
More results

Similar Description - CC1150-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
Low Power Sub-1 GHz RF Transmitter
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC1150 TI-CC1150_13 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
logo
Microchip Technology
MICRF114 MICROCHIP-MICRF114 Datasheet
1Mb / 34P
Low-Power Integrated Sub-GHz Wireless RF Transmitter
07/14/15
logo
Texas Instruments
CC1150 TI1-CC1150_17 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com