Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1150-RTY1 Datasheet(PDF) 43 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 43 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 39Page - Texas Instruments CC1150-RTY1 Datasheet HTML 40Page - Texas Instruments CC1150-RTY1 Datasheet HTML 41Page - Texas Instruments CC1150-RTY1 Datasheet HTML 42Page - Texas Instruments CC1150-RTY1 Datasheet HTML 43Page - Texas Instruments CC1150-RTY1 Datasheet HTML 44Page - Texas Instruments CC1150-RTY1 Datasheet HTML 45Page - Texas Instruments CC1150-RTY1 Datasheet HTML 46Page - Texas Instruments CC1150-RTY1 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
Table 5-19. 0x06: PKTLEN – Packet Length
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
PACKET_LENGTH
R/W
0xFF
Indicates the packet length when fixed length
packets are enabled. If variable packet length
mode is used, this value indicates the
maximum packet length allowed.
Table 5-20. 0x08: PKTCTRL0 – Packet Automation Control
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
R0
Not Used.
6
WHITE_DATA
R/W
0x1
Turn data whitening on / off
0: Whitening off
1: Whitening on
5:4
PKT_FORMAT[1:0]
R/W
0x0
Format of TX data:
The binary number is the setting and the result
is the packet format.
00 = Normal mode, use TX FIFO
01 = Serial Synchronous mode, data in on
GDO0
...
10 = Random TX mode; sends random
data
using
PN9
generator.
Used
for
test/debug.
11 = Asynchronous transparent mode.
Data in on GDO0
3
R/W
0x0
Not used.
2
CRC_EN
R/W
0x1
1: CRC calculation enabled
0: CRC disabled
1:0
LENGTH_CONFIG[1:0]
R/W
0x1
Configure the packet length:
The binary number is the setting and the result
is the packet length configuration.
00
=
Fixed
length
packets,
length
configured in PKTLEN register
01 = Variable length packets, packet length
configured by the first byte after sync word
10 = Infinite packet length packets
11 = Reserved
Table 5-21. 0x09: ADDR – Device Address
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
DEVICE_ADDRESS [7:0]
R/W
0x0
Address used for packet filtration. Optional
broadcast addresses are 0 (0x00) and 255
(0xFF).
Table 5-22. 0x0A: CHANNR – Channel Number
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
CHAN[7:0]
R/W
0x0
The 8-bit unsigned channel number, which is
multiplied by the channel spacing setting and
added to the base frequency.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
43
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com