Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3000MODR Datasheet(PDF) 6 Page - Texas Instruments

Part # CC3000MODR
Description  Module ??Wi-Fi 802.11b/g Network Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3000MODR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC3000MODR Datasheet HTML 2Page - Texas Instruments CC3000MODR Datasheet HTML 3Page - Texas Instruments CC3000MODR Datasheet HTML 4Page - Texas Instruments CC3000MODR Datasheet HTML 5Page - Texas Instruments CC3000MODR Datasheet HTML 6Page - Texas Instruments CC3000MODR Datasheet HTML 7Page - Texas Instruments CC3000MODR Datasheet HTML 8Page - Texas Instruments CC3000MODR Datasheet HTML 9Page - Texas Instruments CC3000MODR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CC3000
SWRS126 – NOVEMBER 2012
www.ti.com
Power Consumption
Parameters
Test Conditions
Typ
Max
Unit
VBAT = 3.6 V
Tamb = +25°C
802.11b TX current
Po = 18 dBm, 11 Mbps
260
275
mA
L = 2048 bytes
tdelay (idle) = 40 µs
VBAT = 3.6 V
Tamb = +25°C
802.11g TX current
Po = 14 dBm, 54 Mbps
190
207
mA
L = 2048
tdelay (idle) = 40 µs
802.11bg RX current
VBAT = 3.6 V
92
103
mA
VBAT = 3.6 V
Shut-down mode
5
µA
VBAT_SW_EN = 0 V
WLAN Transmitter RF Characteristics
(TA = +25°C, VBAT = 3.6 V)
Characteristics
Condition
Min
Typ
Max
Unit
(Mbps)
1
18.3
2
18.2
11
18.1
6
17.0
Maximum RMS
output power
9
17.0
dBm
18
17.0
36
15.5
54
14.0
In-band power
±1
variation
Transmit center
±20
ppm
frequency accuracy
Receiver RF Characteristics
(TA = +25°C, VBAT = 3.6 V)
Characteristics
Condition
Min
Typ
Max
Unit
(Mbps)
1 DSSS
–97.5
2 DSSS
–95.0
11 CCK
–89.0
6 OFDM
–91.0
Sensitivity
dBm
9 OFDM
–91.0
18 OFDM
–87.0
36 OFDM
–81.0
54 OFDM
–75.0
802.11b
–10
Maximum input level
dBm
802.11g
–20
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CC3000
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com