Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3B17 Datasheet(PDF) 4 Page - Analog Devices

Part # 3B17
Description  Wide Bandwidth LVDT/RVDT Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B17 Datasheet(HTML) 4 Page - Analog Devices

  3B17 Datasheet HTML 1Page - Analog Devices 3B17 Datasheet HTML 2Page - Analog Devices 3B17 Datasheet HTML 3Page - Analog Devices 3B17 Datasheet HTML 4Page - Analog Devices 3B17 Datasheet HTML 5Page - Analog Devices 3B17 Datasheet HTML 6Page - Analog Devices 3B17 Datasheet HTML 7Page - Analog Devices 3B17 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3B17
Rev. 0 | Page 4 of 8
Voltage
1 V rms to 5 V rms
Voltage, tolerance
±10%
Frequency
1 kHz to 10 kHz, ±15%
Drive
20 mA rms, minimum
Harmonic Distortion
< 0.5%
Voltage Output Calibration4
Span Adjustment Range
256:1
Zero Adjustment Range
±5 V
Current Output Calibration4
Zero and Span Adjustment Range
±5% of Span
Input Bias Current
+1 µA
Input Resistance
100 M
Ω
Bandwidth5, -3 dB
100 Hz
Output Rise Time, 10% to 90% Span
5 ms
Input Protection, Signal and Excitation Voltage
Continuous
130 V rms maximum
Transient
ANSI/IEEE C37.90.1-1989
Voltage Output Protection
Continuous Short to Ground
Current Output Protection
130 V rms, continuous
±15 V dc Supplies
Rated Operation
±(13 V dc to 18 V dc)
Current
±65 mA plus LVDT Current7
Sensitivity
±0.03% span/V
+24 V dc Loop Supply
Rated Operation
+13.5 V dc to +30 V dc
Current
+27 mA @ lout = 20 mA
Sensitivity
±0.001% span/V
Mechanical Dimensions
3.15" x 3.395" x 0.775"
80.0 mm x 86.2 mm x 19.7 mm)
Environmental
Temperature Range
Rated Performance
-25°C to +85°C
Storage
-55°C to +85°C
Relative Humidity, 24 hours
0 to 95% @ +60°C non-condensing
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
1 For a 0 mA to 20 mA range, a typical minimum output current is 10 µA.
2 Includes the combined effects of repeatability, hysteresis, and nonlinearity.
3 With respect to the voltage output.
4 A wide range of custom zero suppression and span is available with the 3B17-00 model, using the AC1310 ranging card.
5 Bandwidth can be set for up to 1/10 the excitation frequency when ordering Model 3B17-custom.
6 +24 V dc loop power is required for driving the current output at loads up to 850
Ω. If a current output load of 400Ω or less is applied, +15 V dc is sufficient for loop power. If only
voltage output is used, loop power is not required.
7 Typical supply current is ±40 mA per module plus ±5 mA for the LVDT drive current. To calculate supply current requirements from LVDT currents, use 75% of the LVDT rms
current.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com