Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83223V Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83223V
Description  TWISTER High Speed Networking Transceiver Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83223V Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83223V Datasheet HTML 1Page - National Semiconductor (TI) DP83223V Datasheet HTML 2Page - National Semiconductor (TI) DP83223V Datasheet HTML 3Page - National Semiconductor (TI) DP83223V Datasheet HTML 4Page - National Semiconductor (TI) DP83223V Datasheet HTML 5Page - National Semiconductor (TI) DP83223V Datasheet HTML 6Page - National Semiconductor (TI) DP83223V Datasheet HTML 7Page - National Semiconductor (TI) DP83223V Datasheet HTML 8Page - National Semiconductor (TI) DP83223V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2.0 Pin Description (Continued)
5
Revision A
EQSEL
17(14)
3-Level Se-
lect
Equalization Select: This three level Equalization Select input controls the
mode
of
receiver
equalization.
Forcing
a
median
voltage
level,
accomplished by allowing EQSEL to float, selects the adaptive
equalization mode which automatically regulates the equalization effects
based on signal degradation caused by the media. The other two levels are
intended as test modes and are not a guaranteed mode of operation.
Forcing a voltage less than 1.5V, selects full equalization which provides
fixed equalization for a maximum length of cable. Forcing a voltage greater
than 3.0V turns the receive equalizer off.
CDET
18(15)
CMOS In Cable Detect Bar: The active low Cable Detect CMOS input is provided to
support the option of external Cable Detection circuitry (wire fault). With
CDET low, the transceiver functions normally. With CDET high, the signal
detect output is forced low which inhibits data reception by the PHY and
the PMID outputs are forced to ECL static levels. The exception is in the
case of Loopback when the Signal Detect output is forced high regardless
of all other conditions. Please refer to the National Semiconductor Com-
mon Magnetics application note for further detail regarding the proper use
of the DP83223 in a 10/100 Ethernet application.
Symbol
Pin No
PLCC(PQFP)
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com