Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20CTQ Datasheet(PDF) 4 Page - International Rectifier

Part # 20CTQ
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20CTQ Datasheet(HTML) 4 Page - International Rectifier

  20CTQ Datasheet HTML 1Page - International Rectifier 20CTQ Datasheet HTML 2Page - International Rectifier 20CTQ Datasheet HTML 3Page - International Rectifier 20CTQ Datasheet HTML 4Page - International Rectifier 20CTQ Datasheet HTML 5Page - International Rectifier 20CTQ Datasheet HTML 6Page - International Rectifier 20CTQ Datasheet HTML 7Page - International Rectifier 20CTQ Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
20CTQ... Series
4
Bulletin PD-20056 rev. A 12/01
www.irf.com
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
Fig. 5 - Max. Allowable Case Temperature
Vs. Average Forward Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Fig. 6 - Forward Power Loss Characteristics
(Per Leg)
145
150
155
160
165
170
175
180
05
10
15
DC
AverageForwardCurrent-I
(A)
F(AV)
20CTQ
R
(DC)=3.25°C/W
thJC
0
1
2
3
4
5
6
7
8
9
05
10
15
DC
F(AV)
D=0.08
D=0.17
D=0.25
D=0.33
D=0.50
RMSLimit
AverageForwardCurrent -I
(A)
100
1000
10
100
1000
10000
p
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t (microsec)
FRE E-W H EEL
D IO D E
40H FL40 S02
CUR RE N T
MO N ITO R
HIG H-SPE ED
SW ITC H
IRFP460
L
DUT
Rg = 25 oh m
Vd = 25 V olt
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com