Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20ETF Datasheet(PDF) 1 Page - International Rectifier

Part # 20ETF
Description  FAST SOFT RECOVERY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETF Datasheet(HTML) 1 Page - International Rectifier

  20ETF Datasheet HTML 1Page - International Rectifier 20ETF Datasheet HTML 2Page - International Rectifier 20ETF Datasheet HTML 3Page - International Rectifier 20ETF Datasheet HTML 4Page - International Rectifier 20ETF Datasheet HTML 5Page - International Rectifier 20ETF Datasheet HTML 6Page - International Rectifier 20ETF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SURFACE MOUNTABLE
FAST SOFT RECOVERY
RECTIFIER DIODE
1
Bulletin I2111 rev. C 03/99
QUIETIR Series
20ETF..S
V
F
< 1.2V @ 10A
I
FSM = 300A
V
RRM 200 to 600V
Major Ratings and Characteristics
Characteristics
20ETF..S
Units
I
F(AV)
Sinusoidalwaveform
20
A
V
RRM
range
200to 600
V
I
FSM
300
A
V
F
@10 A, T
J
= 25°C
1.2
V
trr
@ 1A, 100A/µs
60
ns
T
J
range
-40to150
°C
D
2 Pak (SMD-220)
Description/Features
The 20ETF..S soft recovery rectifier
QUIETIR
series has been optimized for combined short
reverse recovery time and low forward voltage
drop.
The glass passivation ensures stable reliable
operation in the most severe temperature and
power cycling conditions.
Typical applications are both:
output rectification and freewheeling in
inverters, choppers and converters
and input rectifications where severe
restrictions on conducted EMI should be met.
Package Outline


Similar Part No. - 20ETF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF IRF-20ETF Datasheet
211Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
20ETF VISHAY-20ETF Datasheet
201Kb / 7P
Vishay High Power Products
12-Jun-08
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
20ETF02 VISHAY-20ETF02 Datasheet
332Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
15-Apr-08
logo
Inchange Semiconductor ...
20ETF02 ISC-20ETF02 Datasheet
241Kb / 2P
Fast Recovery Rectifier Diode
More results

Similar Description - 20ETF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD43 PHILIPS-BYD43 Datasheet
67Kb / 11P
Fast soft-recovery rectifiers
1996 Jun 05
BYG85B PHILIPS-BYG85B Datasheet
66Kb / 12P
Fast soft-recovery rectifier
1998 Nov 25
BYV1100 PHILIPS-BYV1100 Datasheet
64Kb / 12P
Fast soft-recovery rectifier
1998 Dec 03
logo
Vishay Siliconix
BYT41 VISHAY-BYT41 Datasheet
44Kb / 4P
Fast Soft Recovery Rectifier
24-Jun-98
S414D VISHAY-S414D Datasheet
36Kb / 3P
Fast Soft Recovery Rectifier
24-Jun-98
logo
SanRex Corporation
DBA200UA60 SANREX-DBA200UA60 Datasheet
128Kb / 2P
Fast & Soft Recovery Diode
DBA100UA60 SANREX-DBA100UA60 Datasheet
120Kb / 2P
Fast & Soft Recovery Diode
DBA200UA40 SANREX-DBA200UA40 Datasheet
120Kb / 2P
Fast & Soft Recovery Diode
logo
SEMTECH ELECTRONICS LTD...
SFR151 SEMTECH_ELEC-SFR151 Datasheet
246Kb / 2P
SOFT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com