Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22RIA Datasheet(PDF) 7 Page - International Rectifier

Part # 22RIA
Description  MEDIUM POWER THYRISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

22RIA Datasheet(HTML) 7 Page - International Rectifier

  22RIA Datasheet HTML 1Page - International Rectifier 22RIA Datasheet HTML 2Page - International Rectifier 22RIA Datasheet HTML 3Page - International Rectifier 22RIA Datasheet HTML 4Page - International Rectifier 22RIA Datasheet HTML 5Page - International Rectifier 22RIA Datasheet HTML 6Page - International Rectifier 22RIA Datasheet HTML 7Page - International Rectifier 22RIA Datasheet HTML 8Page - International Rectifier 22RIA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
22RIA Series
Bulletin I2403 rev. A 07/00
7
www.irf.com
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 9 - Current Ratings Characteristics
Fig. 8 - Current Ratings Characteristics
1
10
100
1000
0.5
1
1.5
2
2.5
3
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
22RIA Series
(100 to 1200V)
80
90
100
110
120
130
0
5
10
15
20
25
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
22RIA Series (1400 to 1600V)
R
(DC) = 0.86 K/W
thJC
80
90
100
110
120
130
0
10
203040
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
22RIA Series (1400 to 1600V)
R
(DC) = 0.86 K/W
thJC
Fig. 10 - On-state Power Loss Characteristics
0
255075
100
125
Maximum Allowable Ambient Temperature (°C)
2
K/W
2.5
K
/W
3 K
/W
4 K/W
5 K/W
7 K/W
10K/W
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
Average On-state Current (A)
22RIA Series
(1400 to 1600V)
T = 125°C
J



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com