Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4022BC Datasheet(PDF) 2 Page - Texas Instruments

Part # CD4022BC
Description  Decade Counter/Divider
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4022BC Datasheet(HTML) 2 Page - Texas Instruments

  CD4022BC Datasheet HTML 1Page - Texas Instruments CD4022BC Datasheet HTML 2Page - Texas Instruments CD4022BC Datasheet HTML 3Page - Texas Instruments CD4022BC Datasheet HTML 4Page - Texas Instruments CD4022BC Datasheet HTML 5Page - Texas Instruments CD4022BC Datasheet HTML 6Page - Texas Instruments CD4022BC Datasheet HTML 7Page - Texas Instruments CD4022BC Datasheet HTML 8Page - Texas Instruments CD4022BC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLF5950
March 1988
CD4017BMCD4017BC Decade CounterDivider
with 10 Decoded Outputs
CD4022BMCD4022BC Divide-by-8 CounterDivider
with 8 Decoded Outputs
General Description
The CD4017BMCD4017BC is a 5-stage divide-by-10 John-
son counter with 10 decoded outputs and a carry out bit
The CD4022BMCD4022BC is a 4-stage divide-by-8 John-
son counter with 8 decoded outputs and a carry-out bit
These counters are cleared to their zero count by a logical
‘‘1’’ on their reset line These counters are advanced on the
positive edge of the clock signal when the clock enable sig-
nal is in the logical ‘‘0’’ state
The configuration of the CD4017BMCD4017BC and
CD4022BMCD4022BC permits medium speed operation
and assures a hazard free counting sequence The 108
decoded outputs are normally in the logical ‘‘0’’ state and go
to the logical ‘‘1’’ state only at their respective time slot
Each decoded output remains high for 1 full clock cycle
The carry-out signal completes a full cycle for every 108
clock input cycles and is used as a ripple carry signal to any
succeeding stages
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power
Fan out of 2 driving 74L
TTL compatibility
or 1 driving 74LS
Y
Medium speed operation
50 MHz (typ)
with 10V VDD
Y
Low power
10 mW (typ)
Y
Fully static operation
Applications
Y
Automotive
Y
Instrumentation
Y
Medical electronics
Y
Alarm systems
Y
Industrial electronics
Y
Remote metering
Connection Diagrams
CD4017B
Dual-In-Line Package
TLF5950 – 1
Top View
CD4022B
Dual-In-Line Package
TLF5950 – 2
Top View
Order Number CD4017B or CD4022B
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com