Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT16501ATPVC/PVCT Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT16501ATPVC/PVCT
Description  18-Bit Registered Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT16501ATPVC/PVCT Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT16501ATPVC/PVCT Datasheet HTML 1Page - Texas Instruments CY74FCT16501ATPVC/PVCT Datasheet HTML 2Page - Texas Instruments CY74FCT16501ATPVC/PVCT Datasheet HTML 3Page - Texas Instruments CY74FCT16501ATPVC/PVCT Datasheet HTML 4Page - Texas Instruments CY74FCT16501ATPVC/PVCT Datasheet HTML 5Page - Texas Instruments CY74FCT16501ATPVC/PVCT Datasheet HTML 6Page - Texas Instruments CY74FCT16501ATPVC/PVCT Datasheet HTML 7Page - Texas Instruments CY74FCT16501ATPVC/PVCT Datasheet HTML 8Page - Texas Instruments CY74FCT16501ATPVC/PVCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CY74FCT16501T
CY74FCT162501T
CY74FCT162H501T
4
Capacitance[9] (TA = +25˚C, f = 1.0 MHz)
Parameter
Description
Test Conditions
Typ.[8]
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6.0
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8.0
pF
Power Supply Characteristics
Sym.
Parameter
Test Conditions[13]
Min.
Typ.[8]
Max.
Unit
ICC
Quiescent Power Supply
Current
VCC=Max.
VIN<0.2V
VIN>VCC−0.2V
—
5
500
µA
∆I
CC
Quiescent Power Supply
Current TTL inputs HIGH
VCC= Max., VIN = 3.4V
[14]
—
0.5
1.5
mA
ICCD
Dynamic Power Supply
Current[15]
VCC=Max., Outputs Open
OEAB=OEBA=VCC or GND
One Input Toggling,
50% Duty Cycle
VIN=VCC or
VIN=GND
—
75
120
µA/
MHz
IC
Total Power Supply
Current[16]
VCC=Max., Outputs Open
f0 =10MHz (CLKAB)
50% Duty Cycle
OEAB=OEBA=VCC
LEAB = GND, One Bit Toggling
f1 = 5MHz, 50% Duty Cycle
VIN=VCC or
VIN=GND
—
0.8
1.7
mA
VIN=3.4V or
VIN=GND
—
1.3
3.2
VCC=Max., Outputs Open
f0 = 10MHz (CLKAB)
50% Duty Cycle
OEAB=OEBA=VCC
LEAB=GND
Eighteen Bits Toggling
f1=2.5MHz, 50% Duty Cycle
VIN=VCC or
VIN=GND
—
3.8
6.5[17]
VIN=3.4V or
VIN=GND
—
8.5
20.8[17]
Notes:
13. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
14. Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
15. This parameter is not directly testable, but is derived for use in Total Power Supply.
16. IC=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC
=
Quiescent Current with CMOS input levels
∆I
CC
=
Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
=
Duty Cycle for TTL inputs HIGH
NT
=
Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
=
Clock frequency for registered devices, otherwise zero
f1
=
Input signal frequency
N1
=
Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
17. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com