Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT16373ATPVCG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74FCT16373ATPVCG4
Description  16-Bit Latches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT16373ATPVCG4 Datasheet(HTML) 4 Page - Texas Instruments

  74FCT16373ATPVCG4 Datasheet HTML 1Page - Texas Instruments 74FCT16373ATPVCG4 Datasheet HTML 2Page - Texas Instruments 74FCT16373ATPVCG4 Datasheet HTML 3Page - Texas Instruments 74FCT16373ATPVCG4 Datasheet HTML 4Page - Texas Instruments 74FCT16373ATPVCG4 Datasheet HTML 5Page - Texas Instruments 74FCT16373ATPVCG4 Datasheet HTML 6Page - Texas Instruments 74FCT16373ATPVCG4 Datasheet HTML 7Page - Texas Instruments 74FCT16373ATPVCG4 Datasheet HTML 8Page - Texas Instruments 74FCT16373ATPVCG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY74FCT16373T
CY74FCT162373T
4
Switching Characteristics Over the Operating Range[12]
CY74FCT16373AT
CY74FCT162373AT
Parameter
Description
Min.
Max.
Unit
Fig. No.[13]
tPLH
tPHL
Propagation Delay D to O
1.5
5.2
ns
1, 3
tPLH
tPHL
Propagation Delay
LE to O
2.0
6.7
ns
1, 5
tPZH
tPZL
Output Enable Time
1.5
6.1
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.5
ns
1, 7, 8
tSU
Set-Up Time HIGH or LOW, D to LE
2.0
ns
9
tH
Hold Time HIGH or LOW, D to LE
1.5
ns
9
tW
LE Pulse Width HIGH
3.3
ns
5
tSK(O)
Output Skew[14]
0.5
ns
—
CY74FCT16373CT
CY74FCT162373CT
Parameter
Description
Min.
Max.
Unit
Fig. No.[13]
tPLH
tPHL
Propagation Delay
D to O
1.5
4.2
ns
1, 3
tPLH
tPHL
Propagation Delay
LE to O
2.0
5.5
ns
1, 5
tPZH
tPZL
Output Enable Time
1.5
5.5
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.0
ns
1, 7, 8
tSU
Set-Up Time HIGH or LOW, D to LE
2.0
ns
9
tH
Hold Time HIGH or LOW,
D to LE
1.5
ns
9
tW
LE Pulse Width HIGH
3.3
ns
5
tSK(O)
Output Skew[14]
0.5
ns
—
Notes:
12. Minimum limits are specified but not tested on Propagation Delays.
13. See “Parameter Measurement Information” in the General Information section.
14. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com