Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162841CTPVCG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74FCT162841CTPVCG4
Description  20-Bit Latches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT162841CTPVCG4 Datasheet(HTML) 1 Page - Texas Instruments

  74FCT162841CTPVCG4 Datasheet HTML 1Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 2Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 3Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 4Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 5Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 6Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 7Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 8Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
20-Bit Latches
CY74FCT16841T
CY74FCT162841T
SCCS067A - July 1994 - Revised October 2001
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2001, Texas Instruments Incorporated
Features
• FCT-C speed at 5.5 ns (FCT16841T Com’l)
•Ioff supports partial-power-down mode operation
• Edge-rate control circuitry for significantly improved
noise characteristics
• Typical output skew < 250 ps
• ESD > 2000V
• TSSOP (19.6-mil pitch) and SSOP (25-mil pitch)
packages
• Industrial temperature range of
−40˚C to +85˚C
•VCC = 5V ± 10%
CY74FCT16841T Features:
• 64 mA sink current, 32 mA source current
• Typical VOLP (ground bounce) <1.0V at VCC = 5V,
TA = 25˚C
CY74FCT162841T Features:
• Balanced 24 mA output drivers
• Reduced system switching noise
• Typical VOLP (ground bounce) <0.6V at VCC = 5V,
TA= 25˚C
Functional Description
The CY74FCT16841T and CY74FCT162841T are 20-bit
D-type latches designed for use in bus applications requiring
high speed and low power. These devices can be used as two
independent 10-bit latches, or as a single 10-bit latch, or as a
single 20-bit latch by connecting the Output Enable (OE) and
Latch (LE) inputs. Flow-through pinout and small shrink
packaging aid in simplifying board layout.
This
device
is
fully
specified
for
partial-power-down
applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device
when it is powered down.
The
CY74FCT16841T
is
ideally
suited
for
driving
high-capacitance loads and low-impedance backplanes.
The CY74FCT162841T has 24-mA balanced output drivers
with current limiting resistors in the outputs. This reduces the
need for external terminating resistors and provides for
minimal undershoot and reduced ground bounce. The
CY74FCT162841T is ideal for driving transmission lines.
C
GND
1D1
Pin Configuration
TO 9 OTHER CHANNELS
C
2D1
2Q1
2LE
2OE
D
1Q7
1OE
SSOP/TSSOP
Top View
1Q1
1LE
1OE
1Q1
1Q2
1
Q3
1Q4
1D1
1D2
1D3
1D4
1LE
GND
GND
VCC
1Q5
1Q6
1D5
1D6
VCC
GND
2D1
GND
GND
VCC
VCC
GND
D
1Q8
1Q10
2Q1
1Q9
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
2Q8
2Q9
2Q10
2OE
1D7
GND
1D8
1D9
1D10
2D2
2D3
2D4
2D5
2D6
2D7
2D8
2D9
2D10
2LE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
FCT16841-1
FCT16841-2
FCT16841-3
TO 9 OTHER CHANNELS
Logic Block Diagrams


Similar Part No. - 74FCT162841CTPVCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162841CTPVCG4 TI-74FCT162841CTPVCG4 Datasheet
60Kb / 6P
20-Bit Latches
More results

Similar Description - 74FCT162841CTPVCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT373T TI-CY5474FCT373T Datasheet
81Kb / 8P
8-Bit Latches
CY74FCT16373T TI-CY74FCT16373T Datasheet
61Kb / 7P
16-Bit Latches
CY74FCT16841T TI-CY74FCT16841T Datasheet
60Kb / 6P
20-Bit Latches
CY74FCT2373T TI-CY74FCT2373T Datasheet
56Kb / 6P
8-Bit Latches
SN54HC259 TI-SN54HC259 Datasheet
134Kb / 9P
8-BIT ADDRESSABLE LATCHES
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
FAST CMOS 20-BIT TRANSPARENT LATCHES
logo
Texas Instruments
SN74HC4724 TI-SN74HC4724 Datasheet
126Kb / 5P
8-BIT ADDRESSABLE LATCHES
logo
NEC
UPB8282 NEC-UPB8282 Datasheet
163Kb / 3P
8-BIT LATCHES
logo
Texas Instruments
CY74FCT2373T TI1-CY74FCT2373T_16 Datasheet
858Kb / 15P
8-Bit Latches
CY74FCT16373T TI1-CY74FCT16373T_15 Datasheet
697Kb / 13P
16-Bit Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com