Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT16823CTPVCG4 Datasheet(PDF) 14 Page - Texas Instruments

Part # 74FCT16823CTPVCG4
Description  18-Bit Registers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT16823CTPVCG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button 74FCT16823CTPVCG4 Datasheet HTML 8Page - Texas Instruments 74FCT16823CTPVCG4 Datasheet HTML 9Page - Texas Instruments 74FCT16823CTPVCG4 Datasheet HTML 10Page - Texas Instruments 74FCT16823CTPVCG4 Datasheet HTML 11Page - Texas Instruments 74FCT16823CTPVCG4 Datasheet HTML 12Page - Texas Instruments 74FCT16823CTPVCG4 Datasheet HTML 13Page - Texas Instruments 74FCT16823CTPVCG4 Datasheet HTML 14Page - Texas Instruments 74FCT16823CTPVCG4 Datasheet HTML 15Page - Texas Instruments 74FCT16823CTPVCG4 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(7.5)
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
56X (1.5)
56X (0.3)
54X (0.5)
(R
)
TYP
0.05
4222167/A 07/2015
TSSOP - 1.2 mm max height
DGG0056A
SMALL OUTLINE PACKAGE
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:6X
1
28
29
56
NOTES: (continued)
5. Publication IPC-7351 may have alternate designs.
6. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com