Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30EPH06 Datasheet(PDF) 2 Page - International Rectifier

Part # 30EPH06
Description  Hyperfast Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30EPH06 Datasheet(HTML) 2 Page - International Rectifier

  30EPH06 Datasheet HTML 1Page - International Rectifier 30EPH06 Datasheet HTML 2Page - International Rectifier 30EPH06 Datasheet HTML 3Page - International Rectifier 30EPH06 Datasheet HTML 4Page - International Rectifier 30EPH06 Datasheet HTML 5Page - International Rectifier 30EPH06 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
30EPH06
Bulletin PD-20620 rev. D 08/02
2
www.irf.com
VBR, Vr
Breakdown Voltage,
600
-
-
V
IR = 100µA
Blocking Voltage
VF
Forward Voltage
-
2.0
2.6
V
IF = 30A, TJ = 25°C
-
1.34 1.75
V
IF = 30A, TJ = 150°C
IR
Reverse Leakage Current
-
0.3
50
µA
VR = VR Rated
-
60
500
µA
TJ = 150°C, VR = VR Rated
CT
Junction Capacitance
-
33
-
pF
VR = 600V
LS
Series Inductance
-
3.5
-
nH
Measured lead to lead 5mm from package body
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameters
Min Typ Max Units Test Conditions
trr
Reverse Recovery Time
-
28
35
ns
IF = 1.0A, diF/dt = 50A/µs, VR = 30V
-31
-
TJ = 25°C
77
-
TJ = 125°C
IRRM
Peak Recovery Current
-
3.5
-
A
TJ = 25°C
-
7.7
-
TJ = 125°C
Qrr
Reverse Recovery Charge
-
65
-
nC
TJ = 25°C
-
345
-
TJ = 125°C
Dynamic Recovery Characteristics @ TJ = 25°C (unless otherwise specified)
I
F = 30A
VR = 200V
diF /dt = 200A/µs
Parameters
Min Typ Max Units Test Conditions
Parameters
Min
Typ
Max
Units
TJ
Max. Junction Temperature Range
- 65
-
175
°C
TStg
Max. Storage Temperature Range
- 65
-
175
RthJC
Thermal Resistance, Junction to Case
Per Leg
-
0.5
0.9
°C/W
RthJA
Thermal Resistance, Junction to Ambient
Per Leg
-
-
70
RthCS
Thermal Resistance, Case to Heatsink
-
0.4
-
Wt
Weight
-
6.0
-
g
-
0.22
-
(oz)
Mounting Torque
6.0
-
12
Kg-cm
5.0
-
10
lbf.in
Thermal - Mechanical Characteristics
!
Typical Socket Mount
"#
Mounting Surface, Flat, Smooth and Greased
"
!



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com