Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE2124 Datasheet(PDF) 3 Page - Texas Instruments

Part # AFE2124
Description  Dual HDSL/SDSL ANALOG FRONT END
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE2124 Datasheet(HTML) 3 Page - Texas Instruments

  AFE2124 Datasheet HTML 1Page - Texas Instruments AFE2124 Datasheet HTML 2Page - Texas Instruments AFE2124 Datasheet HTML 3Page - Texas Instruments AFE2124 Datasheet HTML 4Page - Texas Instruments AFE2124 Datasheet HTML 5Page - Texas Instruments AFE2124 Datasheet HTML 6Page - Texas Instruments AFE2124 Datasheet HTML 7Page - Texas Instruments AFE2124 Datasheet HTML 8Page - Texas Instruments AFE2124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
®
AFE2124
Analog Inputs: Current ..............................................
±100mA, Momentary
±10mA, Continuous
Voltage .................................. AGND –0.3V to AVDD +0.3V
Analog Outputs Short Circuit to Ground (+25
°C) ..................... Continuous
AVDD to AGND ......................................................................... –0.3V to 6V
DVDD to DGND ......................................................................... –0.3V to 6V
Digital Input Voltage to DGND .................................. –0.3V to DVDD +0.3V
Digital Output Voltage to DGND ............................... –0.3V to DVDD +0.3V
AGND, DGND, Differential Voltage .................................................... 0.3V
Junction Temperature (TJ) ............................................................. +150°C
Storage Temperature Range .......................................... –40
°C to +125°C
Lead Temperature (soldering, 3s) .................................................. +260
°C
Power Dissipation .......................................................................... 700mW
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING
NUMBER(2)
MEDIA
AFE2124E
SSOP-48
333
–40
°C to +85°C
AFE2124E
AFE2124E
Rails
""
"
"
"
AFE2124E/1K
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/ ) are
available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces of “AFE2124E/1K” will get a single 1000-
piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
BLOCK DIAGRAM
Pulse
Former
Filter
txbaudCLK
tx48xCLK
Data In
rxbaudCLK
rx48xCLK
Data Out
Output
Buffer
Voltage
Reference
∆Σ
Modulator
Transmit
Control
Receive
Control
Decimation
Filter
txLINE–
txLINE+
REFP
VCM
REFN
rxLINE+
rxLINE–
rxHYB+
rxHYB–
1/2
AFE2124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com