Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1705DPTPD4 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705DPTPD4
Description  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTPD4 Datasheet(HTML) 47 Page - Texas Instruments

Back Button AM1705DPTPD4 Datasheet HTML 43Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 44Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 45Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 46Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 47Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 48Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 49Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 50Page - Texas Instruments AM1705DPTPD4 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 165 page
background image
2000 N
Max PLL Lock Time =
m
where N = Pre-Divider Ratio
M = PLL Multiplier
AM1705
www.ti.com
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
Table 6-4. Allowed PLL Operating Conditions
Default
No.
PARAMETER
MIN
MAX
UNIT
Value
PLLRST: Assertion time during
1
N/A
1000
N/A
ns
initialization
Lock time: The time that the application
has to wait for the PLL to acquire locks
OSCIN
2
N/A
N/A
before setting PLLEN, after changing
cycles
PREDIV, PLLM, or OSCIN
3
PREDIV
/1
/1
/32
PLL input frequency
30 (if internal oscillator is used)
4
12
MHz
( PLLREF)
50 (if external clock source is used)
5
PLL multiplier values (PLLM) (1)
x20
x4
x32
6
PLL output frequency. ( PLLOUT )
N/A
300
600
MHz
7
POSTDIV
/1
/1
/32
(1)
The multiplier values must be chosen such that the PLL output frequency (at PLLOUT) is between 300 and 600 MHz, but the frequency
going into the SYSCLK dividers (after the post divider) cannot exceed the maximum clock frequency defined for the device at a given
voltage operating point.
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
47
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com