Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C32IDBLE Datasheet(PDF) 3 Page - Texas Instruments

Part # AM26C32IDBLE
Description  AM26C32 Quadruple Differential Line Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C32IDBLE Datasheet(HTML) 3 Page - Texas Instruments

  AM26C32IDBLE Datasheet HTML 1Page - Texas Instruments AM26C32IDBLE Datasheet HTML 2Page - Texas Instruments AM26C32IDBLE Datasheet HTML 3Page - Texas Instruments AM26C32IDBLE Datasheet HTML 4Page - Texas Instruments AM26C32IDBLE Datasheet HTML 5Page - Texas Instruments AM26C32IDBLE Datasheet HTML 6Page - Texas Instruments AM26C32IDBLE Datasheet HTML 7Page - Texas Instruments AM26C32IDBLE Datasheet HTML 8Page - Texas Instruments AM26C32IDBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
4Y
NC
G
3Y
1Y
G
NC
2Y
2A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
AM26C32
www.ti.com
SLLS104K – DECEMBER 1990 – REVISED JUNE 2015
5 Pin Configuration and Functions
D, N, NS, PW, J or W Package
FK Package
16-Pin SOIC, PDIP, SO, TSSOP, CDIP, or CFP
20-Pin LCCC
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
SOIC, PDIP, SO,
NAME
LCCC
TSSOP, CFP, or CDIP
1A
3
2
I
RS422/RS485 differential input (noninverting)
1B
2
1
I
RS422/RS485 differential input (inverting)
1Y
4
3
O
Logic level output
2A
8
6
I
RS422/RS485 differential input (noninverting)
2B
9
7
I
RS422/RS485 differential input (inverting)
2Y
7
5
O
Logic level output
3A
13
10
I
RS422/RS485 differential input (noninverting)
3B
12
9
I
RS422/RS485 differential input (inverting)
3Y
14
11
O
Logic level output
4A
18
14
I
RS422/RS485 differential input (noninverting)
4B
19
15
I
RS422/RS485 differential input (inverting)
4Y
17
13
O
Logic level output
G
5
4
I
Active-high select
G
15
12
I
Active-low select
GND
10
8
—
Ground
1
6
NC(1)
—
—
Do not connect
11
16
VCC
20
16
—
Power Supply
(1)
NC – no internal connection.
Copyright © 1990–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: AM26C32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com