Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7836IPAP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 26 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 22Page - Texas Instruments AMC7836IPAP Datasheet HTML 23Page - Texas Instruments AMC7836IPAP Datasheet HTML 24Page - Texas Instruments AMC7836IPAP Datasheet HTML 25Page - Texas Instruments AMC7836IPAP Datasheet HTML 26Page - Texas Instruments AMC7836IPAP Datasheet HTML 27Page - Texas Instruments AMC7836IPAP Datasheet HTML 28Page - Texas Instruments AMC7836IPAP Datasheet HTML 29Page - Texas Instruments AMC7836IPAP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
Resistor String
DAC output
DAC
Buffer
Register
UPDATE
command
DAC
Active
Register
VO
WRITE
READ
Clear State
(register or alarm-
generated)
0x000
DAC
Output Range
Configuration
READBACK bit
1
0
AVSS
AVCC
5»
6 × AVSS
Clamp State
(reset event or
DAC power down)
Clamp
Offset
Serial Interface DAC Data Register
0
1
26
AMC7836
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 49. DAC Block Diagram
7.3.1.1.1
Auto-Range Detection
After power-on or a reset event the output range for each DAC group is set automatically by the voltage present
in the corresponding AVSS pin (AVEE, AVSSB, AVSSC or AVSSD). When the AVSS voltage of a DAC group is lower
than the threshold value, AVSSTH, the output for that DAC group is automatically configured to the –10 to 0 V
range. Conversely, if the DAC group AVSS voltage is higher than AVSSTH, the DAC-group output is automatically
set to the 0 to 5 V range. The auto-range detector results for each DAC group are stored in the general status
register (address 0x72).
In addition to a power-on or reset event, the auto-range detector is also enabled by a register write to the DAC
power down registers (address 0xB2 through 0xB3) or the device configuration register (address 0x02).
Although the initial output-range setting is determined by the auto-range detector, the output range for each
DAC-group can be afterwards configured to any of the available output ranges (–10 to 0 V, –5 to 0 V, 0 to 5 V, or
0 to 10 V) through the DAC range registers (address 0x1E through 0x1F).
NOTE
The power-on-reset and clamp-voltage value of each DAC group is set by the
corresponding AVSS pin and is independent of the DAC output range. In some
applications, matching the clamp-voltage setting to the operating voltage range is
imperative. For those applications, the recommended connections for the AVSS pin are:
AGND for the positive output ranges, in which case the clamp voltage is 0 V; a negative
supply voltage with a lower value than the minimum DAC output voltage (–5 V or –10 V)
for the selected negative output range, in which case the unloaded clamp voltage is
determined by the value of the negative supply voltage (see Figure 50).
Although not a recommended operating condition, the device allows a DAC group to
operate in a positive output range even if its clamp voltage is negative (AVSS connected to
a negative supply voltage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com