Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7836IPAPR Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 54 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 50Page - Texas Instruments AMC7836IPAPR Datasheet HTML 51Page - Texas Instruments AMC7836IPAPR Datasheet HTML 52Page - Texas Instruments AMC7836IPAPR Datasheet HTML 53Page - Texas Instruments AMC7836IPAPR Datasheet HTML 54Page - Texas Instruments AMC7836IPAPR Datasheet HTML 55Page - Texas Instruments AMC7836IPAPR Datasheet HTML 56Page - Texas Instruments AMC7836IPAPR Datasheet HTML 57Page - Texas Instruments AMC7836IPAPR Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
54
AMC7836
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.6.4.3 GPIO Configuration Register (address = 0x12) [reset = 0x00]
Figure 76. GPIO Configuration Register (R/W)
7
6
5
4
3
2
1
0
Reserved
Reserved
EN-DAV
EN-ADCTRIG
EN-
ALARMOUT
EN-ALARMIN
R/W-All zeros
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 24. GPIO Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
Reserved
R/W
All zeros
Reserved for factory use
4
Reserved
R/W
0
Reserved for factory use
3
EN-DAV
R/W
0
DAV pin enable
0: GPIO3 operation (default)
1: DAV operation
2
EN-ADCTRIG
R/W
0
ADCTRIG pin enable
0: GPIO2 operation (default)
1: ADCTRIG operation
1
EN-ALARMOUT
R/W
0
ALARMOUT pin enable
0: GPIO1 operation (default)
1: ALARMOUT operation
0
EN-ALARMIN
R/W
0
ALARMIN pin enable
0: GPIO0 operation (default)
1: ALARMIN operation
7.6.4.4 ADC MUX Configuration 0 Register (address = 0x13) [reset = 0x00]
Figure 77. ADC MUX Configuration 0 Register (R/W)
7
6
5
4
3
2
1
0
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 25. ADC MUX Configuration 0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
CH7
R/W
0
When set to 1 the corresponding analog input channel ADC_n is
accessed during an ADC conversion cycle.
When cleared to 0 the corresponding input channel ADC_n is
ignored during an ADC conversion cycle.
6
CH6
R/W
0
5
CH5
R/W
0
4
CH4
R/W
0
3
CH3
R/W
0
2
CH2
R/W
0
1
CH1
R/W
0
0
CH0
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com