Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8226 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8226
Description  4-Bit Bidirectional Bus Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8226 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP8226 Datasheet HTML 1Page - National Semiconductor (TI) DP8226 Datasheet HTML 2Page - National Semiconductor (TI) DP8226 Datasheet HTML 3Page - National Semiconductor (TI) DP8226 Datasheet HTML 4Page - National Semiconductor (TI) DP8226 Datasheet HTML 5Page - National Semiconductor (TI) DP8226 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Switching Characteristics (Notes 2 3 and 4)
Symbol
Parameter
Conditions
Limits
Units
Min
Typ
Max
DP8216M DP8226M VCC e 5V g10%
tPD1
Input to Output Delay DO Outputs
CL e 30 pF R1 e 300X
15
25
ns
R2 e 600X
tPD2
Input to Output Delay DB Outputs
CL e 300 pF R1 e 90X
DP8216M
R2 e 180X
19
33
ns
DP8226M
16
25
ns
tE
Output Enable Time
DO Outputs CL e 30 pF
DP8216M
R1 e 300X
42
75
ns
DP8226M
R2 e 600X
36
62
ns
DB Outputs CL e 300 pF
R1 e 90X
R2 e 180X
tD
Output Disable Time
DO Outputs CL e 5 pF
DP8216M
R1 e 300X
16
40
ns
DP8226M
R2 e 600X
16
38
ns
DB Outputs CL e 5 pF
R1 e 90X
R2 e 180X
DP8216 DP8226 VCC e 50V g5%
tPD1
Input to Output Delay DO Outputs
CL e 30 pF R1 e 300X
15
25
ns
R2 e 600X
tPD2
Input to Output Delay DB Outputs
CL e 300 pF R1 e 90X
DP8216
R2 e 180X
20
30
ns
DP8226
16
25
ns
tE
Output Enable Time
DO Outputs CL e 30 pF
DP8216
R1 e 300X
45
65
ns
DP8226
R2 e 600X
35
54
ns
DB Outputs CL e 300 pF
R1 e 90X
R2 e 180X
tD
Output Disable Time
DO Outputs CL e 5 pF
R1 e 300X
R2 e 600X
20
35
ns
DB Outputs CL e 5 pF
R1 e 90X
R2 e 180X
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the
devices should be operated at these limits The tables of ‘‘Electrical Characteristics’’ provide conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DP8216M and DP8226M and across the
0 Cto a70 C temperature range for the DP8216 and DP8226 All typical values are given for VCC e 5V and TA e 25 C
Note 3
All currents into device pins are positive all currents out of device pins are negative All voltages are referenced to ground unless otherwise specified
Note 4
Only one output at a time should be shorted
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com