Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83256VF Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256VF Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button DP83256VF Datasheet HTML 57Page - National Semiconductor (TI) DP83256VF Datasheet HTML 58Page - National Semiconductor (TI) DP83256VF Datasheet HTML 59Page - National Semiconductor (TI) DP83256VF Datasheet HTML 60Page - National Semiconductor (TI) DP83256VF Datasheet HTML 61Page - National Semiconductor (TI) DP83256VF Datasheet HTML 62Page - National Semiconductor (TI) DP83256VF Datasheet HTML 63Page - National Semiconductor (TI) DP83256VF Datasheet HTML 64Page - National Semiconductor (TI) DP83256VF Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 144 page
background image
50 Registers (Continued)
517 CURRENT NOISE PRESCALE COUNT REGISTER (CNPCR)
The Current Noise Prescale Count Register takes a snap-shot of the Noise Prescale Timer during every Control Bus Interface
read cycle of this register
During a Control Bus Interface write cycle the Control Bus Write Command Reject bit (CCR) of the Interrupt Condition Register
(ICR) will be set to 1 and will ignore a write cycle
ACCESS RULES
ADDRESS
READ
WRITE
10h
Always
Write Reject
D7
D6
D5
D4
D3
D2
D1
D0
CNPC7
CNPC6
CNPC5
CNPC4
CNPC3
CNPC2
CNPC1
CNPC0
Bit
Symbol
Description
D0 – D7
CNPC0 – 7
CURRENT NOISE PRESCALE COUNT BIT k0–7l
Snapshot of the Noise Prescale Timer
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com