Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83256VF Datasheet(PDF) 120 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256VF Datasheet(HTML) 120 Page - National Semiconductor (TI)

Back Button DP83256VF Datasheet HTML 116Page - National Semiconductor (TI) DP83256VF Datasheet HTML 117Page - National Semiconductor (TI) DP83256VF Datasheet HTML 118Page - National Semiconductor (TI) DP83256VF Datasheet HTML 119Page - National Semiconductor (TI) DP83256VF Datasheet HTML 120Page - National Semiconductor (TI) DP83256VF Datasheet HTML 121Page - National Semiconductor (TI) DP83256VF Datasheet HTML 122Page - National Semiconductor (TI) DP83256VF Datasheet HTML 123Page - National Semiconductor (TI) DP83256VF Datasheet HTML 124Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 144 page
background image
70 Electrical Characteristics (Continued)
AC Characteristics for the PMD Interface
The following signals are covered PMD Indicate Data (PMID) Signal Detect (SD) and PMD Request Data (PMRD)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T36
PMIDg to PMRDg Latency
Looped Back through
5
LBC
Configuration Switch
Cycles
LBC1 e 125 MHz
In Lock
(Note 1)
T37
SD Minimum Pulse Width
120
ns
T38
PMRD Rise Time
(Note 2)
15
ns
T39
PMRD Fall Time
(Note 2)
15
ns
Note 1
This only applies when the Alternate PMD Interface is disabled APMDREGAPMDEN e 0
Note 2
This parameter is not tested but is assured by correlation with characterization data
TLF11708 – 36
FIGURE 7-10 Primary PMD Timing Diagrams
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com