Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324APW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM324APW
Description  Quadruple Operational Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM324APW Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM324APW Datasheet HTML 6Page - Texas Instruments LM324APW Datasheet HTML 7Page - Texas Instruments LM324APW Datasheet HTML 8Page - Texas Instruments LM324APW Datasheet HTML 9Page - Texas Instruments LM324APW Datasheet HTML 10Page - Texas Instruments LM324APW Datasheet HTML 11Page - Texas Instruments LM324APW Datasheet HTML 12Page - Texas Instruments LM324APW Datasheet HTML 13Page - Texas Instruments LM324APW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
To Other
Amplifiers
≈6- A
µ
Current
Regulator
VCC
OUT
GND
IN−
IN+
≈100- A
µ
Current
Regulator
≈50- A
µ
Current
Regulator
COMPONENT COUNT
(total device)
Epi-FET
Transistors
Diodes
Resistors
Capacitors
1
95
4
11
4
≈6- A
µ
Current
Regulator
† ESD protection cells - available on LM324K and LM324KA only
†
†
LM224K, LM224KA, LM324, LM324A, LM324K, LM324KA, LM2902
LM124, LM124A, LM224, LM224A, LM2902V, LM2902K, LM2902KV, LM2902KAV
SLOS066W – SEPTEMBER 1975 – REVISED MARCH 2015
www.ti.com
8 Detailed Description
8.1 Overview
These devices consist of four independent high-gain frequency-compensated operational amplifiers that are
designed specifically to operate from a single supply over a wide range of voltages. Operation from split supplies
also is possible if the difference between the two supplies is 3 V to 32 V (3 V to 26 V for the LM2902 device),
and VCC is at least 1.5 V more positive than the input common-mode voltage. The low supply-current drain is
independent of the magnitude of the supply voltage.
Applications include transducer amplifiers, DC amplification blocks, and all the conventional operational-amplifier
circuits that now can be more easily implemented in single-supply-voltage systems. For example, the LM124
device can be operated directly from the standard 5-V supply that is used in digital systems and provides the
required interface electronics, without requiring additional ±15-V supplies.
8.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 1975–2015, Texas Instruments Incorporated
Product Folder Links: LM224K LM224KA LM324 LM324A LM324K LM324KA LM2902 LM124 LM124A LM224
LM224A LM2902V LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com