Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25100B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25100B
Description  75-nA Battery Leakage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25100B Datasheet(HTML) 2 Page - Texas Instruments

  BQ25100B Datasheet HTML 1Page - Texas Instruments BQ25100B Datasheet HTML 2Page - Texas Instruments BQ25100B Datasheet HTML 3Page - Texas Instruments BQ25100B Datasheet HTML 4Page - Texas Instruments BQ25100B Datasheet HTML 5Page - Texas Instruments BQ25100B Datasheet HTML 6Page - Texas Instruments BQ25100B Datasheet HTML 7Page - Texas Instruments BQ25100B Datasheet HTML 8Page - Texas Instruments BQ25100B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
bq25100B
SLUSCG5A – MAY 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: bq25100B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ..................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions...................... 4
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics.......................................... 5
7.6
Typical Characteristics .............................................. 9
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 14
8.3
Feature Description................................................. 15
8.4
Device Functional Modes........................................ 18
9
Application and Implementation ........................ 22
9.1
Application Information............................................ 22
9.2
Typical Application .................................................. 22
10
Power Supply Recommendations ..................... 24
10.1
Leakage Current Effects on Battery Capacity....... 24
11
Layout................................................................... 25
11.1
Layout Guidelines ................................................. 25
11.2
Layout Example .................................................... 25
11.3
Thermal Considerations ........................................ 26
12
Device and Documentation Support ................. 27
12.1
Device Support .................................................... 27
12.2
Related Links ........................................................ 27
12.3
Receiving Notification of Documentation Updates 27
12.4
Community Resources.......................................... 27
12.5
Trademarks ........................................................... 27
12.6
Electrostatic Discharge Caution ............................ 27
12.7
Glossary ................................................................ 27
13
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
Changes from Original (May 2016) to Revision A
Page
•
Changed IOUT(SC) values From: 9, 11, 13 To: 10, 12, 14 in the Electrical Characteristics table ............................................. 5
•
Changed IPRE-TERM values From: 23, 25, 27 To: 24.25, 26.25, 28.25 in the Electrical Characteristics table .......................... 6
•
Changed the INTC-10k values From: 48.5, 50.5, 52.5 To: 50.5, 52.5, 54.5 in the Electrical Characteristics table ................... 7
•
Changed the INTC-DIS-10k values From: 27, 30, 33 To: 28, 31, 34 in the Electrical Characteristics table ................................ 7
•
Changed the VTS-0°C values From: 1230, 1255, 1280 To: 1225, 1250, 1275 in the Electrical Characteristics table ............. 7
•
Changed the VTS-45°C values From: 253, 268, 283 To: 255, 267, 279 in the Electrical Characteristics table ........................ 7
•
Changed the VTS-EN-10k values From: 84, 92, 100 To: 83, 91, 99 in the Electrical Characteristics table ............................... 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com