Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40EPF12 Datasheet(PDF) 4 Page - International Rectifier

Part # 40EPF12
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40EPF12 Datasheet(HTML) 4 Page - International Rectifier

  40EPF12 Datasheet HTML 1Page - International Rectifier 40EPF12 Datasheet HTML 2Page - International Rectifier 40EPF12 Datasheet HTML 3Page - International Rectifier 40EPF12 Datasheet HTML 4Page - International Rectifier 40EPF12 Datasheet HTML 5Page - International Rectifier 40EPF12 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
40EPF.. HV
QUIETIR Series
Bulletin I2129 rev. A 06/98
Fig.5-MaximumNon-RepetitiveSurgeCurrent
Fig.6-MaximumNon-RepetitiveSurgeCurrent
Fig.7-ForwardVoltageDropCharacteristics
Fig. 9 - Recovery Time Characteristics, T
J
=150°C
Fig. 8 - Recovery Time Characteristics, T
J
= 25°C
100
150
200
250
300
350
400
450
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
40EPF.. Series
100
150
200
250
300
350
400
450
500
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration.
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Maximum Non Repetitive Surge Current
40EPF.. Series
1
10
100
1000
0
123
456
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
J
40EPF.. Series
0
0.4
0.8
1.2
1.6
2
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
5 A
10 A
40EPF.. Series
T = 150°C
J
I
= 60 A
FM
20 A
40 A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
5 A
10 A
40EPF.. Series
T = 25°C
J
30 A
I
= 40 A
FM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com