Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266VF Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 12Page - National Semiconductor (TI) DP83266VF Datasheet HTML 13Page - National Semiconductor (TI) DP83266VF Datasheet HTML 14Page - National Semiconductor (TI) DP83266VF Datasheet HTML 15Page - National Semiconductor (TI) DP83266VF Datasheet HTML 16Page - National Semiconductor (TI) DP83266VF Datasheet HTML 17Page - National Semiconductor (TI) DP83266VF Datasheet HTML 18Page - National Semiconductor (TI) DP83266VF Datasheet HTML 19Page - National Semiconductor (TI) DP83266VF Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 152 page
background image
40 FDDI MAC Facilities (Continued)
TABLE 4-6 Void Frames
Type
Enable
Size
SFS
FC
DA
SA
FCS
EFS
Void
ESA
Short
PA
SD
00
null
MSA
FCS
TRRR
Void
not ESA
Long
PA
SD
40
null
MLA
FCS
TRRR
My
Void
ESA
Short
PA
SD
00
MSA
MSA
FCS
TRRR
My
Void
not ESA
Long
PA
SD
40
MLA
MLA
FCS
TRRR
TABLE 4-7 Claim Frames
Type
Enable
Size
SFS
FC
DA
SA
INFO
FCS
EFS
My
Claim
not ELA
Short
PA
SD
83
MSA
MSA
TREQ
FCS
TRRR
My
Claim
ELA
Long
PA
SD
C3
MLA
MLA
TREQ
FCS
TRRR
TABLE 4-8 Beacon Frames
Type
Enable
Size
SFS
FC
DA
SA
INFO
FCS
EFS
My
Beacon
not ELA
Short
PA
SD
82
null
MSA
TBT
FCS
TRRR
My
Beacon
ELA
Long
PA
SD
C2
null
MLA
TBT
FCS
TRRR
When the Transmit Beacon State is entered from the Trans-
mit Claim State the first byte of the 4 byte TBT field is trans-
mitted as Zero
Beacon frames that require alternative formats such as Di-
rected Beacons must be generated externally
The Ring Engine detects reception of valid Beacon frames
and distinguishes between Beacon frames transmitted by
this MAC (My
Beacon) and Beacon frames transmitted by
other stations (Other
Beacon)
43 FRAME COUNTS
To aid in fault isolation and to enhance the management
capabilities of a ring the Ring Engine maintains several
frame counts The Error and lsolated frame counts incre-
ment when a frame is received with one or more errors that
were previously undetected The Ring Engine then modifies
the Error Control Indicator so that a downstream station will
not increment its count
The size of the counters has been chosen such that minimal
software intervention is required even under marginal oper-
ating conditions
The following counts are maintained by the Ring Engine
FRCT
Frame Received
ElCT
Error lsolated
LFCT
Lost Frame
FCCT
Frames Copied with Ax set
FNCT
Frames Not Copied with Ax set
FTCT
Frames Transmitted
431 Frame Received Count (FRCT)
The Frame Received Count is described in the FDDl MAC
standard and is the count of all complete frames received
This count includes frames stripped by this station
432 Error lsolated Count (ElCT)
The Error lsolated Count is described in the FDDl MAC stan-
dard and is the count of error frames detected by this sta-
tion and no previous station It increments when
1 An FCS error is detected and the received Error Indicator
(Er) is not equal to S
2 A frame of invalid length (ie off boundary T) is received
and Er is not equal to S
3 Er is not R or S
433 Lost Frame Count (LFCT)
The Lost Frame Count is described in the FDDl MAC stan-
dard and is the count of all instances where a format error
is detected in a frame or token such that the credibility of
reception is placed in doubt The Lost Frame Count is incre-
mented when any symbol other than data or Idle symbols is
received between the Starting and Ending Delimiters of a
frame (this includes parity errors)
434 Frame Copied Count (FCCT)
The Frame Copied Count is described in the FDDl MAC
standard and is the count of the number of frames ad-
dressed to and copied by this station The count is incre-
mented when an internal or external match occurs (when
OptionEMlND enabled) on the Destination Address no er-
rors were detected in the frame and the frame was success-
fully copied (which the Service Engine communicates to the
Ring Engine via the internal VCOPY signal) Frames copied
promiscuously MAC frames Void frames and NSA frames
received with the A indicator set are not included in this
count
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com