Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC244D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVC244D
Description  Octal buffer/line driver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC244D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVC244D Datasheet HTML 5Page - NXP Semiconductors 74ALVC244D Datasheet HTML 6Page - NXP Semiconductors 74ALVC244D Datasheet HTML 7Page - NXP Semiconductors 74ALVC244D Datasheet HTML 8Page - NXP Semiconductors 74ALVC244D Datasheet HTML 9Page - NXP Semiconductors 74ALVC244D Datasheet HTML 10Page - NXP Semiconductors 74ALVC244D Datasheet HTML 11Page - NXP Semiconductors 74ALVC244D Datasheet HTML 12Page - NXP Semiconductors 74ALVC244D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2003 Sep 08
9
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74ALVC244
handbook, full pagewidth
MNA654
tPLZ
tPHZ
outputs
disabled
outputs
enabled
Vy
Vx
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VCC
VM
VOL
VOH
GND
GND
tPZL
tPZH
VM
VM
Fig.7 3-state enable and disable times.
VCC
VM
INPUT
VI
tr =tf
1.65 to 1.95 V 0.5
× VCC
VCC
≤ 2.0 ns
2.3 to 2.7 V
0.5
× V
CC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
VOL and VOH are typical output voltage drop that occur with the output load.
VX =VOL + 0.3 V at VCC ≥ 2.7 V;
VX =VOL + 0.15 V at VCC < 2.7 V;
VY =VOH − 0.3 V at VCC ≥ 2.7 V;
VY =VOH − 0.15 V at VCC < 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com