Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT32E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT32E
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74ACT32E Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT32E Datasheet HTML 1Page - Texas Instruments CD74ACT32E Datasheet HTML 2Page - Texas Instruments CD74ACT32E Datasheet HTML 3Page - Texas Instruments CD74ACT32E Datasheet HTML 4Page - Texas Instruments CD74ACT32E Datasheet HTML 5Page - Texas Instruments CD74ACT32E Datasheet HTML 6Page - Texas Instruments CD74ACT32E Datasheet HTML 7Page - Texas Instruments CD74ACT32E Datasheet HTML 8Page - Texas Instruments CD74ACT32E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CD54ACT32, CD74ACT32
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCHS342 – MARCH 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Buffered Inputs
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power Consumption
D Balanced Propagation Delays
D ±24-mA Output Drive Current
– Fanout to 15 F Devices
D SCR-Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
description/ordering information
The ’ACT32 devices are quadruple 2-input positive-OR gates. These devices perform the Boolean function
Y
+ A • B or Y + A ) B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74ACT32E
CD74ACT32E
55
°Cto125°C
SOIC
M
Tube
CD74ACT32M
ACT32M
–55
°C to 125°C
SOIC – M
Tape and reel
CD74ACT32M96
ACT32M
CDIP – F
Tube
CD54ACT32F3A
CD54ACT32F3A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
X
H
X
HH
L
L
L
logic diagram (positive logic)
A
B
Y
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
CD54ACT32 ...F PACKAGE
CD74ACT32 ...E OR M PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CD74ACT32E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT32E TI-CD74ACT32E Datasheet
32Kb / 5P
Quad 2-Input OR Gate
CD74ACT32E TI2-CD74ACT32E Datasheet
1Mb / 23P
CDx4ACT32 Quadruple 2-Input Positive-or Gates
REVISED AUGUST 2024
CD74ACT32E TI2-CD74ACT32E Datasheet
1Mb / 23P
CDx4ACT32 Quadruple 2-Input Positive-or Gates
REVISED AUGUST 2024
CD74ACT32E.A TI2-CD74ACT32E.A Datasheet
1Mb / 23P
CDx4ACT32 Quadruple 2-Input Positive-or Gates
REVISED AUGUST 2024
CD74ACT32E.A TI2-CD74ACT32E.A Datasheet
1Mb / 23P
CDx4ACT32 Quadruple 2-Input Positive-or Gates
REVISED AUGUST 2024
More results

Similar Description - CD74ACT32E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI-SN54AHC32_07 Datasheet
1Mb / 32P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN5432 TI-SN5432_98 Datasheet
252Kb / 7P
QUADRUPLE 2-INPUT POSITIVE OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com