Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX574 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 74LCX574
Description  OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX574 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 74LCX574 Datasheet HTML 5Page - STMicroelectronics 74LCX574 Datasheet HTML 6Page - STMicroelectronics 74LCX574 Datasheet HTML 7Page - STMicroelectronics 74LCX574 Datasheet HTML 8Page - STMicroelectronics 74LCX574 Datasheet HTML 9Page - STMicroelectronics 74LCX574 Datasheet HTML 10Page - STMicroelectronics 74LCX574 Datasheet HTML 11Page - STMicroelectronics 74LCX574 Datasheet HTML 12Page - STMicroelectronics 74LCX574 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74LCX574
10/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
10.8
11
0.425
0.433
Bo
13.2
13.4
0.520
0.528
Ko
3.1
3.3
0.122
0.130
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel SO-20 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com