Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G08 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC1G08
Description  Single 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G08 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC1G08 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2004 Sep 15
8
Philips Semiconductors
Product specification
Single 2-input AND gate
74LVC1G08
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.0 ns.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 °C to +85 °C
tPHL/tPLH
propagation delay
A, B to Y
see Figs 6 and 7
1.65 to 1.95
1.0
3.4
8.0
ns
2.3 to 2.7
0.5
2.2
5.5
ns
2.7
0.5
2.5
5.5
ns
3.0 to 3.6
0.5
2.1
4.5
ns
4.5 to 5.5
0.5
1.7
4.0
ns
Tamb = −40 °C to +125 °C
tPHL/tPLH
propagation delay
A, B to Y
see Figs 6 and 7
1.65 to 1.95
1.0
−
10.5
ns
2.3 to 2.7
0.5
−
7.0
ns
2.7
0.5
−
7.0
ns
3.0 to 3.6
0.5
−
6.0
ns
4.5 to 5.5
0.5
−
5.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com