Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC5025 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # KSC5025
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KSC5025 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  KSC5025 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KSC5025 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistor
KSC5025
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEX(SUS)
Collector-Emitter Sustaining Voltage
IC= 5A ;IB1= -IB2= 2A;
L= 500μH,Clamped
500
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
800
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 5mA; RBE= ∞
500
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 6A; IB= 1.2A
1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 6A; IB= 1.2A
1.5
V
ICBO
Collector Cutoff Current
VCB= 500V; IE= 0
10
μA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
10
μA
hFE-1
DC Current Gain
IC= 1.2A; VCE= 5V
15
50
hFE-2
DC Current Gain
IC= 6A; VCE= 5V
8
COB
Output Capacitance
IE= 0; VCB= 10V; ftest= 1MHz
160
pF
fT
Current-Gain—Bandwidth Product
IC= 1.2A ; VCE= 10V
18
MHz
Switching Times; Resistive Load
ton
Turn-On Time
IC= 7A; IB1= 1.4A; IB2= -2.8A;
VCC=200V; RL= 28.6Ω
0.5
μs
ts
Storage Time
3.0
μs
tf
Fall Time
0.3
μs
hFE-1 Classifications
R
O
Y
15-30
20-40
30-50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com