Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83840A Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 43Page - National Semiconductor (TI) DP83840A Datasheet HTML 44Page - National Semiconductor (TI) DP83840A Datasheet HTML 45Page - National Semiconductor (TI) DP83840A Datasheet HTML 46Page - National Semiconductor (TI) DP83840A Datasheet HTML 47Page - National Semiconductor (TI) DP83840A Datasheet HTML 48Page - National Semiconductor (TI) DP83840A Datasheet HTML 49Page - National Semiconductor (TI) DP83840A Datasheet HTML 50Page - National Semiconductor (TI) DP83840A Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
4.0 Registers (Continued)
47
National Semiconductor
Version A
4.6 AUTO-NEGOTIATION ADVERTISEMENT REGISTER (ANAR)
Address 04h
This register contains the advertised abilities of this DP83840A device as they will be transmitted to its Link Partner
during Auto-Negotiation.
Bit
Bit Name
Default
Description
15
NP
0, RO/P
NEXT PAGE INDICATION:
0 = Not Next Page able
1 = Next Page able
The DP83840A is not Next Page capable so this bit is permanently set
to 0.
14
ACK
0, RO/P
ACKNOWLEDGE:
1 = Reception of Link Partner ability data acknowledged
0 = Not acknowledged
The DP83840A's Auto-Negotiation state machine will automatically
control this bit in the outgoing FLP bursts, setting it at the appropriate
time during the Auto-Negotiation process. Software should not attempt
to write to this bit.
13
RF
0, RW
REMOTE FAULT:
1 = Advertises that this device has detected a Remote Fault
0 = No Remote Fault detected
12:10
Reserved
X, RW
RESERVED: Write as 0, read as don't care.
9
T4
0, RO/P
100BASE-T4 SUPPORT:
1 =100BASE-T4 is supported by the local device
0 =100BASE-T4 not supported
The DP83840A does not support 100BASE-T4 so this bit is permanently
set to 0.
8
TX_FD
1, RW
100BASE-TX FULL DUPLEX SUPPORT:
1 = 100BASE-TX Full Duplex is supported by the local device
0 = 100BASE-TX Full Duplex not supported
7
TX
1, RW
100BASE-TX SUPPORT:
1 = 100BASE-TX is supported by the local device
0 = 100BASE-TX not supported
6
10_FD
1, RW
10BASE-T FULL DUPLEX SUPPORT:
1 = 10BASE-T Full Duplex is supported by the local device
0 = 10BASE-T Full Duplex not supported
5
10
1, RW
10BASE-T SUPPORT:
1 = 10BASE-T is supported by the local device
0 = 10BASE-T not supported
4:0
Selector
<00001>,
RW
PROTOCOL SELECTION BITS: These bits contain the binary encoded
protocol selector supported by this node.
<00001> indicates that this device supports IEEE 802.3 CSMA/CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com