Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7613EB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7613EB
Description  12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7613EB Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7613EB Datasheet HTML 5Page - Texas Instruments DAC7613EB Datasheet HTML 6Page - Texas Instruments DAC7613EB Datasheet HTML 7Page - Texas Instruments DAC7613EB Datasheet HTML 8Page - Texas Instruments DAC7613EB Datasheet HTML 9Page - Texas Instruments DAC7613EB Datasheet HTML 10Page - Texas Instruments DAC7613EB Datasheet HTML 11Page - Texas Instruments DAC7613EB Datasheet HTML 12Page - Texas Instruments DAC7613EB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
®
DAC7613
V
OUT = V REFL +
V
REFH –V REFL
()•N
4096
DIGITAL TIMING
Figure 3 and Table II provide detailed timing for the digital
interface of the DAC7613.
DIGITAL INPUT CODING
The DAC7613 input data is in Straight Binary format. The
output voltage is given by the following equation:
(1)
where N is the digital input code. This equation does not
include the effects of offset (zero-scale) or gain (full-scale)
errors.
FIGURE 3. Digital Input and Output Timing.
t
RCS
CS
t
RDS
t
RDH
t
CSD
t
DZ
R/W
Data Out
Data Valid
t
WCS
CS
t
WS
t
WH
R/W
t
RESET
t
LWD
LOADDAC
t
DS
t
DH
Data In
RESET
Data Output Timing
Digital Input Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tRCS
CS LOW for Read
200
ns
tRDS
R/W HIGH to CS LOW
10
ns
tRDH
R/W HIGH after CS HIGH
0
ns
tDZ
CS HIGH to Data Bus in
100
ns
High Impedance
tCSD
CS LOW to Data Bus Valid
100
160
ns
tWCS
CS LOW for Write
50
ns
tWS
R/W LOW to CS LOW
0
ns
tWH
R/W LOW after CS HIGH
5
ns
tDS
Data Valid to CS LOW
0
ns
tDH
Data Valid after CS HIGH
5
ns
tLWD
LOADDAC LOW
50
ns
tRESET
RESET LOW
50
ns
TABLE II. Timing Specifications (TA = –40°C to +85°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com