Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G08 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # 74LVC2G08
Description  Dual 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

74LVC2G08 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  74LVC2G08 Datasheet HTML 1Page - Panasonic Semiconductor 74LVC2G08 Datasheet HTML 2Page - Panasonic Semiconductor 74LVC2G08 Datasheet HTML 3Page - Panasonic Semiconductor 74LVC2G08 Datasheet HTML 4Page - Panasonic Semiconductor 74LVC2G08 Datasheet HTML 5Page - Panasonic Semiconductor 74LVC2G08 Datasheet HTML 6Page - Panasonic Semiconductor 74LVC2G08 Datasheet HTML 7Page - Panasonic Semiconductor 74LVC2G08 Datasheet HTML 8Page - Panasonic Semiconductor 74LVC2G08 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2004 Sep 15
4
Philips Semiconductors
Product specification
Dual 2-input AND gate
74LVC2G08
Fig.1 Pin configuration TSSOP8 and VSSOP8.
08
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aab615
1
2
3
4
6
5
8
7
08
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aab596
36
27
18
45
Transparent top view
Fig.2 Pin configuration XSON8.
mna724
1A
1B
1Y
2
1
7
2A
2B
2Y
6
5
3
Fig.3 Logic symbol.
mna725
7
&
&
2
1
3
6
5
Fig.4 Logic symbol (IEEE/IEC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com