Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G14 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC2G14
Description  Dual inverting Schmitt-trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G14 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC2G14 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 13Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
2004 Sep 08
10
Philips Semiconductors
Product specification
Dual inverting Schmitt-trigger with
5 V tolerant input
74LVC2G14
AC CHARACTERISTICS
GND = 0 V.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 °C to +85 °C; note 1
tPHL/tPLH
propagation delay
input nA to output nY
see Figs 9 and 10
1.65 to 1.95
1.0
5.6
11.0
ns
2.3 to 2.7
0.5
3.7
6.5
ns
2.7
0.5
4.1
7.0
ns
3.0 to 3.6
0.5
3.9
6.0
ns
4.5 to 5.5
0.5
2.7
4.3
ns
Tamb = −40 °C to +125 °C
tPHL/tPLH
propagation delay
input nA to output nY
see Figs 9 and 10
1.65 to 1.95
1.0
−
12.0
ns
2.3 to 2.7
0.5
−
7.2
ns
2.7
0.5
−
7.7
ns
3.0 to 3.6
0.5
−
6.7
ns
4.5 to 5.5
0.5
−
4.7
ns
AC WAVEFORMS
mna344
tPHL
tPLH
VM
VM
nA input
nY output
GND
VI
VOH
VOL
Fig.9 The input (nA) to output (nY) propagation delays.
VOL and VOH are typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
tr =tf
1.65 V to 1.95 V
0.5
× VCC
VCC
≤ 2.0 ns
2.3 V to 2.7 V
0.5
× VCC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 V to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
4.5 V to 5.5 V
0.5
× VCC
VCC
≤ 2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com