Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G66 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74LVC2G66
Description  Bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G66 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVC2G66 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 13Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 14Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 15Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 16Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 17Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
9397 750 13259
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2004
14 of 22
Philips Semiconductors
74LVC2G66
Bilateral switch
[1]
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads −3dB.
[2]
Adjust fi voltage to obtain 0 dBm level at input.
[3]
Guaranteed by design.
α
OFF(ft)
switch OFF-state signal
feed-through
attenuation
RL = 600 Ω; CL = 50 pF; fi = 1 MHz;
see Figure 19
[2]
VCC = 1.65 V
-
−46
-
dB
VCC = 2.3 V
-
−46
-
dB
VCC =3V
-
−46
-
dB
VCC = 4.5 V
-
−46
-
dB
RL =50 Ω; CL = 5 pF; fi = 1 MHz; see
Figure 19
[2]
VCC = 1.65 V
-
−37
-
dB
VCC = 2.3 V
-
−37
-
dB
VCC =3V
-
−37
-
dB
VCC = 4.5 V
-
−37
-
dB
Vct(cti-sw)
crosstalk between
control input to signal
output
RL = 600 Ω; CL = 50 pF; fi = 1 MHz;
tr =tf = 2 ns; see Figure 20
VCC = 1.65 V
-
-
-
mV
VCC = 2.3 V
-
91
-
mV
VCC = 3 V
-
119
-
mV
VCC = 4.5 V
-
205
-
mV
Vct(sw-sw)
crosstalk between
switches
RL = 600 Ω; CL = 50 pF; fi = 1 MHz;
see Figure 21
VCC = 1.65 V
-
-
-
dB
VCC = 2.3 V
-
−56
-
dB
VCC =3V
-
−56
-
dB
VCC = 4.5 V
-
−56
-
dB
RL =50 Ω; CL = 5 pF; fi = 1 MHz; see
Figure 21
VCC = 1.65 V
-
-
-
dB
VCC = 2.3 V
-
−29
-
dB
VCC =3V
-
−28
-
dB
VCC = 4.5 V
-
−28
-
dB
fmax
frequency response
(
−3 dB)
RL =50 Ω; CL = 10 pF; see Figure 18
[1]
VCC = 1.65 V
-
200
-
MHz
VCC = 2.3 V
-
350
-
MHz
VCC = 3 V
-
410
-
MHz
VCC = 4.5 V
-
440
-
MHz
Q
charge injection
CL = 0.1 nF; Vgen =0V; Rgen =0 Ω;
fi = 1 MHz; RL =1MΩ; see Figure 22
[3]
VCC = 3.5 V
-
0.003
-
pC
VCC = 5.5 V
-
0.0035
-
pC
Table 14:
Additional dynamic characteristics …continued
At recommended conditions; typical values measured at Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com