Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LX1G04CTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74LX1G04CTR
Description  LOW VOLTAGE CMOS SINGLE INVERTER WITH 5V TOLERANT INPUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G04CTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74LX1G04CTR Datasheet HTML 2Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 3Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 4Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 5Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 6Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 7Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 8Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 9Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74LX1G04
6/13
Figure 1 : RECOMMENDED SOLDERING REFLOW PROFILE FOR LEADFREE FLIP-CHIP
MOUNTING ON PCB
For Flip-Chip mounting on the PCB, STMicroelectronics recommends the use of a solder stencil aperture
of 330 x 330 µm² maximum and a typical stencil thickness of 125µm. Flip-Chips are fully compatible with
the use of near eutectic 95.5Sn 4Ag 0.5Cu solder paste with no clean flux. ST's recommendations for
Flip-Chip board mounting are illustrated on the soldering reflow profile shown in figure 1 below.
Dwell time in the soldering zone (with temperature higher than 220°C) has to be kept as short as possible
to prevent component and substrate damages. Peak temperature must not exceed 260°C. Controlled
atmosphere (N2 or N2H2) is recommended during the whole reflow, specially above 150°C.
Flip-Chips are able to withstand three times the previous recommended reflow profile in order to be
compatible with a double reflow when SMDs are mounted on both sides of the PCB plus one additional
repair. A maximum of three soldering reflows are allowed for these leadfree packages (with repair step
included). The use of a no clean flux is highly recommended to avoid any cleaning operation. In order to
prevent any bump cracks, ultrasonic cleaning methods are not recommended.
0
01
2345
67
Time (min)
Temperature (˚C)
2˚C/s recommended
6˚C/s max
220˚C
125 ˚C
260˚C max
255˚C
180˚C
90 sec max
10-30 sec
90 to 150 sec
3˚C/s max
0
01
2345
67
Time (min)
Temperature (˚C)
2˚C/s recommended
6˚C/s max
220˚C
125 ˚C
260˚C max
255˚C
180˚C
90 sec max
10-30 sec
3˚C/s max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com