Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CER0625B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0625B
Description  Surface mount, silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0625B Datasheet(HTML) 2 Page - CTS Corporation

  CER0625B Datasheet HTML 1Page - CTS Corporation CER0625B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0625B
1900 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
1.6
REEL QUANTITY
ea.
1000
- CTS Electronic Components - www.ctscorp.com – 4800 Alameda Blvd NE – Albuquerque, NM 87113 -
Customer Feed Direction
Product Marking
CTS
25B
YWW
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.945"/24
0.319"/8.10 0.406"/10.30 0.165"/4.20 0.472"/12.00
Dim Nominal (mm)
Tolerance (mm)
+/- or max
A
10.00
Max
B
5.59
Max
C
1.00
0.13
D
0.60
0.13
E
0.60
0.13
F
1.20
0.13
G
7.80
0.13
H
4.10
Max
I
1.00
0.13
J
6.40
Max
K
2.54
0.25
L
7.40
0.25
M
0.55
0.2
Revision B – Origin Date: April 23, 2008 – Revision Date: July 27, 2011
-80
-70
-60
-50
-40
-30
-20
-10
0
800
900
1000
1100
1200
1300
1400
-40
-30
-20
-10
0
10
20
30
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com