| Electronic Components Datasheet Search |
|
DAC8564 Datasheet(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC8564 Datasheet(HTML) 31 Page - Texas Instruments |
|
31 / 51 page ![]() CLK SYNC D IN ValidWriteSequence: Output/ModeUpdates onthe24thFallingEdge 24thFallingEdge 24thFallingEdge DB23 DB0 DB23 DB0 Invalid/InterruptedWriteSequence: Output/ModeDoesNotUpdate onthe24thFallingEdge DAC8564 www.ti.com SBAS403D – JUNE 2007 – REVISED MAY 2011 SYNC INTERRUPT LDAC FUNCTIONALITY In a normal write sequence, the SYNC line stays low The DAC8564 offers both a software and hardware for at least 24 falling edges of SCLK and the simultaneous update function. The DAC addressed DAC register updates on the 24th falling double-buffered architecture has been designed so edge. However, if SYNC is brought high before the that new data can be entered for each DAC without 24th falling edge, it acts as an interrupt to the write disturbing the analog outputs. sequence; the shift register resets and the write DAC8564 data updates are synchronized with the sequence is discarded. Neither an update of the data falling edge of the 24th SCLK cycle, which follows a buffer contents, DAC register contents, nor a change falling edge of SYNC. For such synchronous updates, in the operating mode occurs (as shown in the LDAC pin is not required and it must be Figure 95). connected to GND permanently. The LDAC pin is used as a positive edge triggered timing signal for POWER-ON RESET TO ZERO-SCALE asynchronous DAC updates. To do an LDAC operation, single-channel store(s) should be done The DAC8564 contains a power-on reset circuit that (loading DAC buffers) by setting LD0 and LD1 to '0'. controls the output voltage during power-up. On Multiple single-channel updates can be done in order power-up, the DAC registers are filled with zeros and to set different channel buffers to desired values and the output voltages are set to zero-scale; they remain then make a rising edge on LDAC. Data buffers of all that way until a valid write sequence and load channels must be loaded with desired data before an command are made to the respective DAC channel. LDAC rising edge. After a low-to-high LDAC The power-on reset is useful in applications where it transition, all DACs are simultaneously updated with is important to know the state of the output of each the contents of the corresponding data buffers. If the DAC while the device is in the process of powering contents of a data buffer are not changed by the up. serial interface, the corresponding DAC output No device pin should be brought high before power is remains unchanged after the LDAC trigger. applied to the device. The internal reference is powered on by default and remains that way until a ENABLE PIN valid reference-change command is executed. For normal operation, the enable pin must be driven to a logic low. If the enable pin is driven high, the DAC8564 stops listening to the serial port. However, SCLK, SYNC, and DIN must not be kept floating, but must be at some logic level. This feature can be useful for applications that share the same serial port. Figure 95. SYNC Interrupt Facility Copyright © 2007–2011, Texas Instruments Incorporated 31 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |